Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOMHT Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CXOMHT
Description  High Temperature/High Stability/Fast Start-up/High Shock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOMHT Datasheet(HTML) 2 Page - STATEK CORPORATION

  CXOMHT Datasheet HTML 1Page - STATEK CORPORATION CXOMHT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+
_
10177 Rev A
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V
DD
-0.3 V to 5.0 V
Storage Temperature
-55
OC to 125OC
Maximum Process Temperature 260
OC, 20 seconds
HOW TO ORDER 32.768 kHz CXOMHT OSCILLATORS
CXOMHT
4S
E
SM1
32.768 kHz,
// 200
/H
Frequency
Stability over
Temp. Range
(in ppm)
“S” if special or
custom design.
Blank if Std.
Enable/Disable
Option E or N
Supply Voltage
4 = 3.3 V
30
/
170
//
H
Temp. Range:
H = 25
0C to
200
0C
S = Customer
Specified Temp.
Range
Total
Frequency
Tolerance
(in ppm)
Frequency
K = kHz
Calibration
Tolerance
@ 25
0C
(in ppm)
OR
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available. Please contact factory.
Supply Voltage
3.3 V
10%
Calibration Tolerance
100 ppm, or tighter as required
Frequency Tolerance
100 ppm for 25
OC to 150OC
Over Temperature
150 ppm for 25
OC to 175OC
(Total Tolerance)
1
200 ppm for 25
OC to 200OC
Supply Current (Typical)
500 µA
Output Load (CMOS)
15 pF
Start-up Time
0.8 ms
Rise/Fall Time
85 ns/ 45 ns
Duty Cycle
40% MIN, 60% MAX
Aging, first year
10 ppm MAX at 25
OC
Aging, 1,000 Hrs
100 ppm MAX at 200
OC
Shock, survival
Std: 3,000 g, 0.3 ms, 1/2 sine
HG: 10,000 g, 0.3 ms, 1/2 sine
Vibration, survival
2
20 g, 10-2,000 Hz swept sine
Operating Temp Range -55
OC up to 200OC
1. Includes calibration tolerance. Other tolerances available.
2. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing available.
Note: All parameters are measured at ambient temperature with a 10 MΩ, 15 pF load.
+
_
+
_
+
_
+
_
Enable (Pin 1 High*)
Disable (Pin 1 Low)
Output
Frequency output
High Z State
Oscillator
Oscillates
Stops
Current
500 µA at 25
OC
3.2 µA at 25
OC
* When PIN 1 is allowed to float, it is held by an internal pull-up resistor.
ENABLE/DISABLE OPTIONS (E/N)
For the 32.768 kHz CXOMHT, Statek offers two
enable/disable options: E and N. The E-version has a Tri-
State output and stops oscillating internally when the output
is put into the high Z state. The N-version does not have
PIN 1 connected internally and so has no enable/disable
capability. The following table describes the Enable/Disable
option E.
ENABLE/DISABLE OPTION E
FUNCTION TABLE
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
PACKAGING OPTIONS
CXOMHT - Tray Pack
- 16 mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet # 10109)
HG = High Shock
otherwise leave
blank.
Termination Blank =
SM1 Gold Plated
(Lead Free)
SM5 = Solder
Dipped (Lead Free)
Temp. Range:
H = 25
0C to 2000C
S = Customer
Specified Temp.
Range
Total Frequency
Tolerance (in
ppm)
1
Calibration
Tolerance
@ 25
0C
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com