Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0087 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0087
Description  Turbo uPSD DK3300 User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0087 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0087 Datasheet HTML 2Page - STMicroelectronics UM0087 Datasheet HTML 3Page - STMicroelectronics UM0087 Datasheet HTML 4Page - STMicroelectronics UM0087 Datasheet HTML 5Page - STMicroelectronics UM0087 Datasheet HTML 6Page - STMicroelectronics UM0087 Datasheet HTML 7Page - STMicroelectronics UM0087 Datasheet HTML 8Page - STMicroelectronics UM0087 Datasheet HTML 9Page - STMicroelectronics UM0087 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/11
UM0087 - USER MANUAL
APPENDIX A. DK3300 JUMPERS
Verify JP0, JP1, JP3, JP13, JP14, and JP15 for the ADC demo. See DK3300 SCHEMATICS, page 7 for
more information regarding the jumpers.
Table 1. DK3300 Jumpers
Jumper
No.
Description
Comments
JP0
LCD Enable/Disable
Normally closed to enable LCD
JP1
ADC VREF Input
Normally closed to set VREF = 3.3V
JP2
JTAG Debug I/O Pin
Should be OPEN
JP3
LCD Contrast
Normally closed in position 2-3
Position 1-2 used for PWM control
JP4
Encoder Connection to PB
Normally all 3 positions are closed to enable the encoder connection to
port B
JP5
Switch / LED Connection to PB
Normally both positions are closed to enable the SW/LED connection to
port B
JP6
MCU Clock Select
Normally closed in position 1-2 for Oscillator. Position 2-3 for Crystal
JP7
Enable SPI
Normally closed to enable SPI EEPROM
JP8
Reset Input Select
Normally closed in position 1-2 for reset switch input. Position 2-3 for RTC
reset.
JP9
UART1 Select
Normally closed in position 1-3 and 2-4 to select the RS232 connector 1.
Else can be se to position 3-5 and 4-6 to select the Urdu transceiver to be
connected to UART1.
JP10
Enable I2C
Normally both positions closed to enable I2C access to RTC chip.
JP11
uPSD VSTANDBY Input
Normally open. Used to enable backup power to uPSD if needed.
JP12
Interrupt Select for MCU
Used to map various Interrupt sources to the MCU. Normally open (see
DK3300 SCHEMATICS, page 7).
JP13
PWM Channel Select
Selects what PWM channel connects the RC circuit on the board.
Normally PWM0 is connected via position 1-2 closed.
JP14
ADC Channel Select
Selects what ADC channel connects the RC circuit on the board. Normally
ADC7 is connected via position 15-16 closed.
JP15
PWM RC Constant
Selects PWM RC constant. Normally position 1-2 (1ms) is closed.
JP16
N/A
Not selectable – fixed at 3.3V
JP17
Used to connect UART0 and
UART1 in loop back mode
Normally open. Can be connected positions 1-2 and 3-4 for loop back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com