Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0087 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0087
Description  Turbo uPSD DK3300 User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0087 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0087 Datasheet HTML 1Page - STMicroelectronics UM0087 Datasheet HTML 2Page - STMicroelectronics UM0087 Datasheet HTML 3Page - STMicroelectronics UM0087 Datasheet HTML 4Page - STMicroelectronics UM0087 Datasheet HTML 5Page - STMicroelectronics UM0087 Datasheet HTML 6Page - STMicroelectronics UM0087 Datasheet HTML 7Page - STMicroelectronics UM0087 Datasheet HTML 8Page - STMicroelectronics UM0087 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
UM0087 - USER MANUAL
DK3300 HARDWARE FEATURES
The uPSD3300 has many different IP features and the DK3300 board has a variety of hardware capabil-
ities built into the demo board itself. Some hardware on the DK3300 board is provided to enable explora-
tion by the customer and for future demo application software. Over time additional demo applications will
be added, so please check the ST website below for the latest demo applications. Some of the DK3300
board hardware features include (see Figure 2):
I2C Real Time Clock by ST with built in Crystal and Tamper Detect Logic
Tamper Detect switches connected to the ST RTC
Dual RS232 connectors driven by ST RS232 level shifter
SPI interface EEPROM
IrDA Transceiver
Two input switches and two output LED’s
Rotary encoder with select switch
2 Line by 16 Character LCD
Please check the ST uPSD website at www.st.com/micropsd for the latest updates to PSDSoft Express
and Demo Applications for the DK3300 kit.
Figure 2. DK3300 Board Connections
1.
Switches and LEDs
2.
Rotary Encoder
3.
LCD Display
4.
Reset Switch
5.
JTAG LED
6.
14-pin JTAG Connector
7.
uPSD33XX
8.
Expansion Connectors
9.
IrDA Transceiver
10. Tamper Detect Switches
11. Real-Time Clock
12. EEPROM & Battery under
LCD
13. RS232 Connectors
14. 9VDC Power Input
15. On-Off Switch and Power
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com