Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQXO2ATSM Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # SQXO2ATSM
Description  Surface Mount Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

SQXO2ATSM Datasheet(HTML) 1 Page - STATEK CORPORATION

  SQXO2ATSM Datasheet HTML 1Page - STATEK CORPORATION SQXO2ATSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10159 - Rev A
DESCRIPTION
The SQXO2ATSM oscillator consists of a CMOS-
compatible hybrid circuit, hermetically sealed in a industry
standard 24-pin ceramic leadless chip carrier.
FEATURES
CMOS and TTL compatible
High frequency (AT)
Wide temperature range
Full military testing available
Hermetically sealed
APPLICATIONS
Industrial, Computer & Communications
Rugged Computer
Military & Aerospace
Intelligent Munitions
Avionics
SQXO2ATSM OSCILLATOR
312 kHz to 120 MHz
Surface Mount Crystal Oscillator
™
B
D
D
C
A
C
E
G
F
DIM
inches
mm
A0.410 MAX.
10.1 6 MAX.
B0.080 MAX.
2.03 MAX.
C0.300 MAX.
7.62 MAX.
D0.050 TYP.
1.27 TYP.
E0.085 TYP.
2.16 TYP.
F0.050 TYP.
1.27 TYP.
G0.025 TYP.
0.64 TYP.
PIN CONNECTIONS
Pin
Connection
5,6
VDD
13,14
Output
19,20
Output Enable, INH (Tri-State) or NC
23,24
Ground
All Others NC
SQXO2SM
32MHz
PACKAGE DIMENSIONS
OUTPUT WAVE FORM
* Of VDD
VDD
VOH
tr
tf
0
VOL
90%*
10%*


Similar Part No. - SQXO2ATSM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
SQXO2ATHG STATEK-SQXO2ATHG Datasheet
381Kb / 2P
OSCILLATOR
logo
EUROQUARTZ limited
SQXO2ATHG EUROQUARTZ-SQXO2ATHG Datasheet
166Kb / 2P
High Shock Oscillator
More results

Similar Description - SQXO2ATSM

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO41805-98.304-T-TR RALTRON-CO41805-98.304-T-TR Datasheet
162Kb / 1P
SURFACE MOUNT CRYSTAL OSCILLATOR
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
ECM Electronics Limited...
VF315 ECM-VF315 Datasheet
104Kb / 1P
Surface Mount Crystal Oscillator
logo
STATEK CORPORATION
LSM STATEK-LSM Datasheet
39Kb / 2P
Low Power Surface Mount Crystal Oscillator
SQXO2SM STATEK-SQXO2SM Datasheet
142Kb / 2P
Surface Mount Low Power Crystal Oscillator
logo
Connor-Winfield Corpora...
HSM643 CONNOR-WINFIELD-HSM643 Datasheet
84Kb / 2P
3.3V Surface Mount Crystal Clock Oscillator
HSM6 CONNOR-WINFIELD-HSM6 Datasheet
82Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
logo
STATEK CORPORATION
LFXO STATEK-LFXO_10 Datasheet
136Kb / 2P
Miniature Surface Mount Crystal Oscillator
logo
Oscilent Corporation
CO-490 OSCILENT-CO-490 Datasheet
142Kb / 2P
490 Series Surface Mount Crystal Oscillator
logo
Raltron Electronics Cor...
RTX-230 RALTRON-RTX-230 Datasheet
25Kb / 1P
SURFACE MOUNT TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com