Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQXO2ATSM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # SQXO2ATSM
Description  Surface Mount Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

SQXO2ATSM Datasheet(HTML) 2 Page - STATEK CORPORATION

  SQXO2ATSM Datasheet HTML 1Page - STATEK CORPORATION SQXO2ATSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10159 - Rev A
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Supply Voltage (VDD)5V 10% (3.3V available)
Calibration Tolerance
1
100 ppm (0.01%)
1000 ppm (0.1%)
10000 ppm (1.0%)
Frequency Stability
1/2
0
OC to +50OC from
5 to
30 ppm
(at 5V)
-10
OC to +70OC from
10 to
50 ppm
-40
OC to +85OC from
20 to
100 ppm
-55
OC to +125OC from
30 to
100 ppm
Supply Current
14 mA for 50 MHz
12 mA for 40 MHz
10 mA for 30 MHz
8 mA for 24 MHz
TTL Load
10@5V
CMOS Load
15pF (up to 50 pF available)
Start-up Time
5 ms MAX.
Rise/Fall Time
3 ns Typ., 6 ns MAX.
Duty Cycle
1
40% Min., 60% MAX.
Aging, first year
10 ppm MAX.
Shock, survival
3
3,000 g peak 0.3 ms, 1/2 sine
Vibration survival
20 g RMS 10-2000 Hz random
Operating Temperature
4
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
1. Tighter tolerances available for calibration, stability and duty cycle.
2. Does not include calibration tolerance.
3. High shock version available.
4. Consult factory for operating temperatures above 125
OC.
Note: All parameters are measured at ambient temperature
with a 10M
Ω and 15pF load at 5V
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
HOW TO ORDER SQXO2ATSM CRYSTAL OSCILLATORS
SQXO2ATSM
S
T
32M
,
100
/
100
/
-
/
I
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.5V to 7.0V
Storage Temperature
-55
OC to +125OC
Maximum Process Temp. 260
OC, 10 seconds
PACKAGING
SQXO2ATSM - Tray Pack (Standard)
TRUTH TABLE
PIN 19,20*
PIN 13,14
SQXO2ATSM-10E
Low (0)
High (Z)
High (1)
Freq. Output
SQXO2ATSM-10T
Low (0)
High (Z)
High (1)
Freq. Output
SQXO2ATSM-10N
NC
Freq. Output
* Normally high (internal pull-up resistor)
ENABLE VS. TRI-STATE
Enable: When pin 19,20 is low (0), the oscillator
stops oscillation.
Tri-state: When pin 19,20 is low, the oscillator is
running. However, the output buffer amplifier
stops functioning and output is in high
impedance (Z) state.
Enable
Tri-state
Current consumption
when pin 19,20 is low
Low
High
Output recovery delay
when pin 19,20 changes
Delayed
Immediate
from low (0) to high (1)
“S” if special or
custom design.
Blank if Std.
Frequency
K = kHz
M= MHz
Calibration
Tolerance
@ 25
OC
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
Total
Frequency
Tolerance
(in ppm)
Temp. Range:
C= -10
OC to +70OC
I
= -40
OC to +85OC
M= -55
OC to 125OC
S= Specialty
E = Enable+
T = Tri-State
N = Neither
+ Enable available over 10 MHz
Temp. Range:
C= -10
OC to +70OC
I = -40OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
Total
Frequency
Tolerance
(in ppm)
OR
200
I



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com