Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQXO2SM Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # SQXO2SM
Description  Surface Mount Low Power Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

SQXO2SM Datasheet(HTML) 1 Page - STATEK CORPORATION

  SQXO2SM Datasheet HTML 1Page - STATEK CORPORATION SQXO2SM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The SQXO2SM oscillator consists of a CMOS-compatible
hybrid circuit, hermetically sealed in a standard 24-pin
ceramic leadless chip carrier. Precision tuning of the
oscillator allows for very tight calibration tolerance and
eliminates the need for a trimming capacitor, a major source
of long-term frequency drift. The specifications and
characteristics of the SQXO2SM vary with frequency. The
characteristics of the 32.768 kHz model are presented in
this data sheet.
FEATURES
Low power consumption
Low aging
TTL and CMOS compatible
Full military testing available
Various voltage options available
High shock resistance
Standard 24-pin ceramic LCC
APPLICATIONS
Industrial, Computer & Communications
General purpose clock oscillator
Data Logger
Remote sensor
Liquid level sensing
Medical test and diagnostics
Military
Portable field communication
Military high speed modem
Flight recorder
SQXO2SM OSCILLATOR
10 kHz to 2 MHz*
Surface Mount Low Power Crystal Oscillator
™
SQXO2SM
32.768kHz
*Consult factory for other frequencies.
DIM
inches
mm
A0.410 MAX.
10.16 MAX.
B0.080 MAX.
2.03 MAX.
C0.300 MAX.
7.62 MAX.
D0.050 TYP.
1.27 TYP.
E0.085 TYP.
2.16 TYP.
F0.050 TYP.
1.27 TYP.
G0.025 TYP.
0.64 TYP.
PIN CONNECTIONS
Pin
Connection
23,24
Ground
5,6
VDD
13,14
Output
All Others NC
PACKAGE DIMENSIONS
B
D
D
C
A
C
E
G
F
16
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10143 - Rev E
Pb


Similar Part No. - SQXO2SM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
SQXO2ATHG STATEK-SQXO2ATHG Datasheet
381Kb / 2P
OSCILLATOR
logo
EUROQUARTZ limited
SQXO2ATHG EUROQUARTZ-SQXO2ATHG Datasheet
166Kb / 2P
High Shock Oscillator
logo
STATEK CORPORATION
SQXO2ATSM STATEK-SQXO2ATSM Datasheet
138Kb / 2P
Surface Mount Crystal Oscillator
More results

Similar Description - SQXO2SM

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO41805-98.304-T-TR RALTRON-CO41805-98.304-T-TR Datasheet
162Kb / 1P
SURFACE MOUNT CRYSTAL OSCILLATOR
logo
ECM Electronics Limited...
VF315 ECM-VF315 Datasheet
104Kb / 1P
Surface Mount Crystal Oscillator
logo
STATEK CORPORATION
LSM STATEK-LSM Datasheet
39Kb / 2P
Low Power Surface Mount Crystal Oscillator
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
DQXO3SM STATEK-DQXO3SM Datasheet
140Kb / 2P
Surface Mount Low Frequency Crystal Oscillator
LSC STATEK-LSC Datasheet
51Kb / 2P
Low Power Surface Mount Crystal Oscillator
SQXO2ATSM STATEK-SQXO2ATSM Datasheet
138Kb / 2P
Surface Mount Crystal Oscillator
LSC STATEK-LSC_13 Datasheet
85Kb / 2P
Low Power Surface Mount Crystal Oscillator
LSM STATEK-LSM_13 Datasheet
80Kb / 2P
Low Power Surface Mount Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com