Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQXO2SM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # SQXO2SM
Description  Surface Mount Low Power Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

SQXO2SM Datasheet(HTML) 2 Page - STATEK CORPORATION

  SQXO2SM Datasheet HTML 1Page - STATEK CORPORATION SQXO2SM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SQXO2
S
SM3
32.768K
,
100
/
I
SPECIFICATIONS: SQXO2SM-32.768KHz
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Supply Voltage (VDD)5V 10%
Calibration Tolerance
1
100 ppm (0.01%)
300 ppm (0.03%)
1000 ppm (0.10%
Supply Current
Figure 1
Tuning Point (T0 )
2
Figure 2
Temp. Coefficient (k)
-0.035 ppm/
0C2
Duty Cycle
1
40% Min., 60% MAX.
Rise/Fall Time
0.2
sec. MAX.
Aging, first year
10 ppm MAX.
Shock, survival
Above 600 kHz
750 g peak 0.3 ms, 1/2 sine
Below 600 kHz
1,000 g peak 0.3 ms, 1/2 sine
Vibration survival
10 g RMS 10-2000 Hz random
Operating Temperature
3
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Maximum Assembly
Temperature
260
0C for 20 sec
1. Tighter tolerances available
2. Does not include calibration tolerance.
Positive variations small compared to negative variations.
PACKAGING
SQXO2SM
-Tray Pack (Standard)
+
_
+
_
+
_
+
_
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.3V to 7V
Storage Temperature
-55
OC to +125OC
HOW TO ORDER SQXO2SM CRYSTAL OSCILLATORS
FIGURE 1.
TYPICAL SUPPLY CURRENT (mA) @ 5V
FIGURE 2.
TYPICAL TURNING POINT TEMPERATURE (T
0)
10
20
50
100
500
1000
5000
2000
Frequency (kHz)
1.0
.9
.8
.7
.6
.5
.4
.3
.2
.1
10
20
50 100
500
1000
5000
2000
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
Note: Frequency (f) deviation from frequency (fO) @ turning point
temperature (TO):
= k(T-T )
O
2
f-f
f
O
O
“S” if special or
custom design.
Blank if Std.
Blank = SM1
= Gold Plated
(Lead Free)
SM3 = Solder Dipped
SM5 = Solder Dipped
(Lead Free)
Frequency
M = MHz
Calibration
Tolerance
@ 25
OC
(in ppm)
Operating Temp. Range:
C= -10
OC to +70OC
I = -40OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10143 - Rev E
Pb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com