Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3691 Datasheet(PDF) 1 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 1 Page - ams AG

  AS3691 Datasheet HTML 1Page - ams AG AS3691 Datasheet HTML 2Page - ams AG AS3691 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS3691
austriami crosyst ems
Product Brief
www.austriamicrosystems.com
Revision 1.2
1 - 3
1
General Description
The AS3691 features four high precision current
sources for driving up to four LED strings (RGB or
single color leds). Each of the four currents sources
can be controlled independently by PWM inputs.
The full scale current value is set by external
resistors.
2
Key Features
4 x 400mA constant current outputs
Programmable with external resistors
4 independent PWM inputs
Absolute current accuracy +/-0.5%
’Automatic Supply Regulation’ to reduce power
dissipation
1)
1)Patent Pending
Very wide output voltage current source voltage
compliance
−
Down to 0.41V
−
Up to 15V
2)
Integrated overtemperature protection
Separate sense pads (Rfb1-Rfb4) for easy and
precise PCB Layout
Package
−
DIE
−
QFN24 4x4mm
2) 15V is sufficient for most applications as the
AS3691 dose not switch off the LED current
completely
3
Applications
General Lighting
Backlighting
RGB Backlighting for LCD TV/Monitors with
White Color Balancing
4
Application Diagrams
Figure 1 – Application Diagram of AS3691 for Single Color Lighting (Single Module shown)
Product Brief
AS3691
4 Precision 400mA Current Sources for RGB and Single Color Leds
VSS
VSS
VDD
VDD
Ri1
Ri2
Ri3
Ri4
Rvdd
Cvdd
100nF
UV
UV
PW M
PW M
Ref
Overtemp
AS3691
T1
T2
T3
T4
D1
R1
R2
R3
R4
VREG
VSS
ON1
ON2
ON3
ON4
CURR1
CURR2
CURR3
CURR4
RES1
RES2
RES3
RES4
I1
UV1
Vc
UV2
UV3
UV4
I2
I3
I4
Vc
Vc
Vc
RFB1
RFB2
RFB3
RFB4
15
22
1
20
17
10
13
8
5
21,Pad
23
2 24
16
19
18
14
11
12
4
7
6
Csup
100nF


Similar Part No. - AS3691

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3691 AMSCO-AS3691 Datasheet
1Mb / 23P
4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZQFP AMSCO-AS3691A-ZQFP Datasheet
559Kb / 22P
4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZQFP AMSCO-AS3691A-ZQFP Datasheet
1Mb / 23P
4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZQFT AMSCO-AS3691A-ZQFT Datasheet
559Kb / 22P
4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZQFT AMSCO-AS3691A-ZQFT Datasheet
1Mb / 23P
4 Precision 400mA Current Sources for RGB and Single Color Leds
More results

Similar Description - AS3691

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3691 AMSCO-AS3691_1 Datasheet
559Kb / 22P
4 Precision 400mA Current Sources for RGB and Single Color Leds
logo
Maxim Integrated Produc...
MAX44006 MAXIM-MAX44006 Datasheet
2Mb / 26P
RGB Color, Infrared, and Temperature Sensors
Rev 1; 8/12
logo
ams AG
AS3691 AMSCO-AS3691_07 Datasheet
1Mb / 23P
4 Precision 400mA Current Sources for RGB and Single Color Leds
logo
SiGe Semiconductor, Inc...
AATIAN55 SIGE-AATIAN55 Datasheet
65Kb / 4P
Driving Color RGB LEDs with the AAT3123
logo
BetLux Electronics
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
Flexible LED strip light, Mono color and RGB color
REV NO: V.2
logo
Aeroflex Circuit Techno...
PCS5035 AEROFLEX-PCS5035 Datasheet
759Kb / 9P
PCS5035 Quintet Precision Current Sources Built-In Comparators
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
logo
Renesas Technology Corp
ISL70591SEH RENESAS-ISL70591SEH Datasheet
790Kb / 23P
Radiation Hardened 100μA and 1mA Precision Current Sources
Aug 30, 2018
logo
Visual Communications C...
0606 VCC-0606 Datasheet
636Kb / 10P
SpectraBright Series 0606 Package Size SMD RGB and Bi-Color LEDs
11/22
1210 VCC-1210 Datasheet
555Kb / 9P
SpectraBright Series 1210 Package Size SMD RGB and Bi-Color LEDs
11/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com