Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3691 Datasheet(PDF) 2 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 2 Page - ams AG

  AS3691 Datasheet HTML 1Page - ams AG AS3691 Datasheet HTML 2Page - ams AG AS3691 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AS3691
austriami crosyst ems
Product Brief
www.austriamicrosystems.com
Revision 1.2
2 - 3
Figure 2 – Application Diagram of AS3691 for RGB Lighting (single Module shown)
Figure 3 – Complete AS3691 Application using White LEDs
VSS
VSS
VDDR
VDDR
Ri1
Ri2
Ri3
Ri4
Rvdd
UVR
UVR
UVB
UVB
UVG
UVG
PWMR
PWMR
PWMB
PWMB
PWMG
PWMG
VDDB
VDDB
VDDG
VDDG
Ref
Overtemp
AS3691
T1
T2
T3
T4
D1
R1
R2
R3
R4
VREG
VSS
ON1
ON2
ON3
ON4
CURR1
CURR2
CURR3
CURR4
RES1
RES2
RES3
RES4
I1
UV1
Vc
UV2
UV3
UV4
I2
I3
I4
Vc
Vc
Vc
RFB1
RFB2
RFB3
RFB4
15
22
1
20
17
10
13
8
5
21,Pad
23
2 24
16
19
18
14
11
12
4
7
6
Cvdd
100nF
UV
VDD
Voltage Feedback
input for DCDC
DCDC Converter
for VDD
Overtemp
AS3691
D1
Vc
Vc
Vc
Vc
...
...
...
Main
supply
PWM
VSS
PWM
(optional)
5V powered
system
(optional)
Overtemp
AS3691
D1
...



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com