Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC976CDGG Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC976CDGG
Description  10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC976CDGG Datasheet(HTML) 4 Page - Texas Instruments

  TLC976CDGG Datasheet HTML 1Page - Texas Instruments TLC976CDGG Datasheet HTML 2Page - Texas Instruments TLC976CDGG Datasheet HTML 3Page - Texas Instruments TLC976CDGG Datasheet HTML 4Page - Texas Instruments TLC976CDGG Datasheet HTML 5Page - Texas Instruments TLC976CDGG Datasheet HTML 6Page - Texas Instruments TLC976CDGG Datasheet HTML 7Page - Texas Instruments TLC976CDGG Datasheet HTML 8Page - Texas Instruments TLC976CDGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TLC976C
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
SLAS193 – OCTOBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Analog supply voltage, VCC1, VCC2, VCC3, AVDD (see Note 1)
– 0.4 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Digital supply voltage, DVDD (see Note 1)
– 0.4 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range, VI
– 0.4 V to AVCC1, 2,3 + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation (see Note 2)
1344 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to GND.
2. For operation above 25
°C free-air temperature, derate linearly at the rate of 10.75 mW/°C.
recommended operating conditions
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC1, VCC2, VCC3, AVDD
4.75
5
5.25
V
ADC digital output supply voltage, DVDD
3
3.3
3.6
V
Difference, AGND to DGND
–100
100
mV
High-level input voltage
2
V
Low-level input voltage
0.8
V
ADC analog input voltage full scale range
2
V
ADC CLK pulse width
High level
25
ns
ADC CLK pulse width
Low level
25
ns
Operating temperature
0
70
°C
electrical characteristics over recommended operating junction temperature range,
AVCC = VCC1– 3 = 4.75 V, DVDD = 3.3 V, VRT = 3.5 V, VRB = 1.5 V, Fs = 20 MSPS, TA = 25°C (unless
otherwise noted)
total device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CDS/AGC supply current
AGCGAIN = 0 V,
STBY = 0 V
VRT = VRB = Open,
30
38
mA
ADC supply current
Digital supply
NTSC ramp input
3
6
mA
ADC supply current
Analog supply
NTSC ramp input
32
35
mA
CDS/AGC standby current
CDS-STBY = High
5.6
11
mA
ADC standby current
AD-STBY = HIGH,
CDS STBY = HIGH,
(VIN = VRT-IN = VRB-IN = Hi-Z)
0.5
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com