Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC976CDGG Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC976CDGG
Description  10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC976CDGG Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC976CDGG Datasheet HTML 9Page - Texas Instruments TLC976CDGG Datasheet HTML 10Page - Texas Instruments TLC976CDGG Datasheet HTML 11Page - Texas Instruments TLC976CDGG Datasheet HTML 12Page - Texas Instruments TLC976CDGG Datasheet HTML 13Page - Texas Instruments TLC976CDGG Datasheet HTML 14Page - Texas Instruments TLC976CDGG Datasheet HTML 15Page - Texas Instruments TLC976CDGG Datasheet HTML 16Page - Texas Instruments TLC976CDGG Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLC976C
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
SLAS193 – OCTOBER 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
ADC internal calibration
start-up calibration at power up
After power is turned on, the start-up calibration starts under the following conditions:
1.
The voltage between VRT and VRB is over 1 V when the voltage between AVDD and AVSS is over 2.5 V.
2.
The voltage between DVDD and DVSS is over 2.5 V.
3.
The RESET terminal (pin 26) is high.
4.
The AD-STBY terminal (pin 31) is low.
The calibration sequence starts after condition 2 is met (see Figure 7). The following equation calculates the
time required for the start-up calibration after the above conditions are met.
Start-up calibration time = main clock pulse period
× 16 × 16384
For example, if the main clock frequency is 15 MHz, the time required for startup calibration is 17.5 ms.
5 V
2.5 V
1 V
Reset = HIGH, AD-STBY = LOW
AVDD
VRT
DVDD
VRB
CALIBRATION START
Figure 7. Start-Up Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com