Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBV-RPI1509B-130V11 Datasheet(PDF) 1 Page - AG Electronica

Part # HBV-RPI1509B-130V11
Description  MODULO-CAMARA 5MP ENFOQUE FIJO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

HBV-RPI1509B-130V11 Datasheet(HTML) 1 Page - AG Electronica

  HBV-RPI1509B-130V11 Datasheet HTML 1Page - AG Electronica HBV-RPI1509B-130V11 Datasheet HTML 2Page - AG Electronica HBV-RPI1509B-130V11 Datasheet HTML 3Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
HBV-RPI1509B-130 V11
MODULO-CAMARA 5MP ENFOQUE FIJO
Descripción:
Módulo de cámara de placa de desarrollo Raspberry Pi modelo 4B 3B+/3B CSI con lente gran
angular de alta definición, enfoque fijo, interfaz 15p-1.0 mip, sensor OV5647, CMOS, 5MP.
Detalles del Producto:
• Características especiales: Cámara con lente ojo de pez de 130° compatible con Raspberry Pi
modelo 4B 3B+/3B.
• Tamaño: 25mm × 24mm × 14.2 ± 0.5mm
• Formatos de salida: 8/10 bit salida RGB RAW


Similar Part No. - HBV-RPI1509B-130V11

ManufacturerPart #DatasheetDescription
logo
AG Electronica
HBV-RPI1508GV11 AGELECTRONICA-HBV-RPI1508GV11 Datasheet
232Kb / 2P
CAMARA PARA RASPBERRY PI 2/3B OV5647 65° FOV
11/02/2021
More results

Similar Description - HBV-RPI1509B-130V11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS168 MOTOROLA-SN54LS168 Datasheet
272Kb / 8P
BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
ON Semiconductor
SN54-74LS168 ONSEMI-SN54-74LS168 Datasheet
117Kb / 6P
BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
Hitachi Semiconductor
HD74AC393 HITACHI-HD74AC393 Datasheet
54Kb / 10P
Dual Modulo-16-Counter
logo
Motorola, Inc
MC4316 MOTOROLA-MC4316 Datasheet
1Mb / 21P
PROGRAMMABLE MODULO- N COUNTERS
logo
National Semiconductor ...
DM7497 NSC-DM7497 Datasheet
149Kb / 8P
Synchronous Modulo-64 Bit Rate Multiplier
logo
List of Unclassifed Man...
GMMAM08 ETC2-GMMAM08 Datasheet
1Mb / 68P
Mini Modulo AT mega 8L
MT9P031 ETC1-MT9P031 Datasheet
2Mb / 46P
1/2.5-Inch 5Mp CMOS Digital Image Sensor
TCM-500A ETC2-TCM-500A Datasheet
377Kb / 1P
5MP Camera Module
PX48-175 ETC2-PX48-175 Datasheet
375Kb / 2P
MODULO FOTOVOLTAICO PX48
logo
Renesas Technology Corp
HD74AC393 RENESAS-HD74AC393 Datasheet
222Kb / 9P
Dual Modulo-16-Counter
Jul.16.2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com