Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS310-R680EIRM Datasheet(PDF) 5 Page - DFI Inc

Part # ADS310-R680EIRM
Description  14th/13th/12th Gen Intel® CoreTM microATX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADS310-R680EIRM Datasheet(HTML) 5 Page - DFI Inc

  ADS310-R680EIRM Datasheet HTML 1Page - DFI Inc ADS310-R680EIRM Datasheet HTML 2Page - DFI Inc ADS310-R680EIRM Datasheet HTML 3Page - DFI Inc ADS310-R680EIRM Datasheet HTML 4Page - DFI Inc ADS310-R680EIRM Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
Memory 2.5 GbE 10 GbE RS-232/
422/485
USB 3.2
Gen2
USB 3.2
Gen1
USB 2.0 TPM 2.0
Power
Thermal
Temp.
ADS310-R680EIRM 770-ADS3101-000G
4 UDIMM
2
-
2
4
6
3
N/A
24-pin ATX/
8-pin ATX 12V
Active
-5 to 65°C
ADS310-Q670EIRM 770-ADS3101-100G
-
N/A
ADS310-R680EIRM 770-ADS3101-200G
2
N/A
ADS310-Q670EIRM 770-ADS3101-300G
2
N/A
ADS310-R680EIRM 770-ADS3101-400G
-
dTPM
ADS310-Q670EIRM 770-ADS3101-500G
-
dTPM
ADS310-R680EIRM 770-ADS3101-600G
2
dTPM
ADS310-Q670EIRM 770-ADS3101-700G
2
dTPM
·
1 ADS310-R680E/Q670E motherboard
·
1 COM port cable (Length: 300mm, 2 x COM ports) A81-015026-023G
·
1 Serial ATA data cable (Length: 500mm)
332-553001-005G
·
1 I/O shield
 
-2 LAN
 
-4 LAN
A49-ADS630-010G
A49-ADS630-000G
·
USB 2.0 port cable (Length: 350/398mm)
A81-001066-016G
·
USB 3.2 Gen2 port cable (Length: 350mm)
A81-001075-017G
·
COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
·
Serial ATA data cable (Length: 500mm, W/LOCK)
332-553001-005G
·
Serial ATA data cable (Length: 500mm, W/LOCK, 90D) A81-002128-017G
·
Thermal solution (For 35W, Height: 29.39mm)
A71-101136-000G
·
Thermal solution (For 65W, Height: 46mm)
A71-101137-000G
·
Thermal solution (For 95W/125W, Height: 110mm)
A71-101145-000G
·
Thermal solution
 
(For 10GbE LAN X550 IC Cooler, Height: 35mm)
 
(Standard X550 default have heatsink, only when with 125W
 
CPU, need change heatsink to cooler.)(opt., MOQ required)
A71-100201-000G
·
DP to HDMI Dongle
612-D2H13M-000G
·
M.2-COM4 (M.2 serial port module)
770-M2COM1-000G
·
M.2-2LAN (M.2 LAN port module)
770-M22LN1-000G
·
M.2-2PSE (M.2 PSE module)
770-M22PS1-000G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com