Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS310-R680EIRM Datasheet(PDF) 1 Page - DFI Inc

Part # ADS310-R680EIRM
Description  14th/13th/12th Gen Intel® CoreTM microATX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADS310-R680EIRM Datasheet(HTML) 1 Page - DFI Inc

  ADS310-R680EIRM Datasheet HTML 1Page - DFI Inc ADS310-R680EIRM Datasheet HTML 2Page - DFI Inc ADS310-R680EIRM Datasheet HTML 3Page - DFI Inc ADS310-R680EIRM Datasheet HTML 4Page - DFI Inc ADS310-R680EIRM Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
14th/13th/12th Gen Intel® CoreTM
microATX
KEY FEATURES
DDR4
4K High
Resolution
Quad
Displays
Multiple
Expansion
Rich I/O
4 DDR4 UDIMM up to
128GB
Supports 4K resolution
VGA, 2 DP++, HDMI 2.0a
1 PCIe x16, 3 PCIe x4,
1 M.2 E key, 2 M.2 M key,
4 SATA 3.0
2 Intel 10GbE, 2 Intel
2.5GbE, 2 COM, 6 USB
3.2 Gen 2, 4 USB 3.2
Gen 1, 3 USB 2.0
Intel R680E/Q670E
Chipset
DDR4 UDIMM
System Fan 3
ADS310-R680E
ADS310-Q670E
Top View
(ADS310-R680E)
12V ATX Power
System Fan 1
DIO Power
Desktop
VGA
Line-out
Mic-in
DP++
HDMI
2.5G
LAN 1/2
10G
LAN 1/2
USB 3.2
Gen2
LGA 1700
CPU Fan
ATX Power
USB 2.0 2x
SATA 0-3
Front Audio
16-bit DIO
PCIe x4
Front Panel
COM 1
System Fan 2
S/PDIF
USB 2.0 1x
M.2 2242/2260/2280
M key
USB 3.2 Gen1
COM 2
eSPI
PS2
SATA Power
M.2 E Key
M.2 2242/2260/2280
M key
USB 3.2 Gen2 2x
Front LAN LED
PCIe x16
SMBus


Similar Part No. - ADS310-R680EIRM

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
ADS30A60 ADV-ADS30A60 Datasheet
294Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS30A60F ADV-ADS30A60F Datasheet
291Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS30A60FS ADV-ADS30A60FS Datasheet
291Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS30A60FT ADV-ADS30A60FT Datasheet
291Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS30A60FW ADV-ADS30A60FW Datasheet
291Kb / 6P
SCRs
Feb,2013 -Rev.3.01
More results

Similar Description - ADS310-R680EIRM

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
HD330-Q87 GSR-HD330-Q87 Datasheet
1Mb / 2P
4th Gen Intel짰 CoreTM microATX
MB330-CRM GSR-MB330-CRM Datasheet
397Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
MB331-CRM GSR-MB331-CRM Datasheet
372Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
SB330-CRM GSR-SB330-CRM Datasheet
333Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
logo
DFI Inc
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
AAEON Technology
HPC-ADSC.HPC-RPSC AAEON-HPC-ADSC.HPC-RPSC Datasheet
530Kb / 2P
COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
2023/04/19
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com