Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS103-R680DB Datasheet(PDF) 2 Page - DFI Inc

Part # ADS103-R680DB
Description  14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADS103-R680DB Datasheet(HTML) 2 Page - DFI Inc

  ADS103-R680DB Datasheet HTML 1Page - DFI Inc ADS103-R680DB Datasheet HTML 2Page - DFI Inc ADS103-R680DB Datasheet HTML 3Page - DFI Inc ADS103-R680DB Datasheet HTML 4Page - DFI Inc ADS103-R680DB Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Switch
Intel®
R680E/
Q670E/
H610E
Chipset
Channel A
eDP
USB 2.0
SATA 3.0
SMBus
DDI
HDA
Front Audio header
DDR4 3200MHz SODIMM
M.2 2280 M key
M.2 2230 E key
SATA 2x
8-bit DIO
TPM2.0
TCA6408A
eDP
DP++
Realtek
ALC888
Super IO
with WDT
Fan Control
Case Open
H/W Monitor
DMI 4.0
Intel
Alder Lake-S
Raptor Lake-S
LGA 1700
Channel B
DDR4 3200MHz SODIMM
USB 3.2 Gen2
USB 3.2 Gen2 / USB 2.0
USB 3.2 Gen2 2x
PCIe x1
2.5GHz RJ45 1x
GLAN I226V
MDI
PCIe x1
1GHz RJ45 1x
MDI
PCIe x1
USB 3.2 Gen2 2x
or
1GHz RJ45 1x
GLAN I210AT
MDI
USB 2.0
USB 2.0 2x
NPCT754
PCIe x1
SPI
SPI BIOS
DDI
DP++/HDMI
eDP
eDP
LVDS
PTN3460
MDI
PCIe Gen5 PCIe x16
USB 2.0
USB 2.0 2x
RS232/422/485 2x
DDI
DFI display extension port (DP/HDMI/VGA available)
eSPI
80-port Header
170.00
165.10
160.57
82.57
33.02
10.16
0.00
LPC Bus
USB 3.2 Gen1 / USB 2.0
USB 3.2 Gen1 2x
H610E Only
R680E/Q670E Only
M.2
2242/3042/3052
B key
USB 3.2 Gen2 / USB 2.0
PCIe x1 Gen3 / SATA 3.0
PCIe Gen4 x4 / SATA 3.0
PCIe x1 Gen3
USB 3.2 Gen1 / USB 2.0
PCIe Gen3 x1 / SATA 3.0
USB 3.2 Gen2 / USB 2.0
USB 3.2 Gen1 / USB 2.0
USB 2.0
USB 3.2 Gen2 2x
USB 3.2 Gen1 1x
USB 2.0 1x
GLAN I219LM
GLAN I219V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com