Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS103-R680DB Datasheet(PDF) 1 Page - DFI Inc

Part # ADS103-R680DB
Description  14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ADS103-R680DB Datasheet(HTML) 1 Page - DFI Inc

  ADS103-R680DB Datasheet HTML 1Page - DFI Inc ADS103-R680DB Datasheet HTML 2Page - DFI Inc ADS103-R680DB Datasheet HTML 3Page - DFI Inc ADS103-R680DB Datasheet HTML 4Page - DFI Inc ADS103-R680DB Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
14th/13th/12th Gen Intel® CoreTM
Thin Mini-ITX
DDR4
4K High
Resolution
Quad
Displays
Multiple
Expansion
Rich I/O
2 DDR4 SODIMM 3200
MHz up to 64GB
Supports 4K/ 2K
resolution
1 DP++, 1 DP++/HDMI,
1 LVDS/eDP,
1 DFI display extension
port (DP/HDMI/VGA
available)
1 PCIe x16,
1 M.2 2230 E Key,
1 M.2 2280 M Key,
1 M.2 2242/3042/3052
B Key
1 Intel 2.5GbE, 2 COM,
up to 2 Intel GbE,
up to 6 USB 3.2 Gen2,
2 USB 3.2 Gen1,
4 USB 2.0, 2 SATA 3.0
Desktop
KEY FEATURES
2 LAN / 6 USB
3 LAN / 4 USB
ADS101/ADS103-R680E
ADS101/ADS103-Q670E
ADS101/ADS103-H610E
Top View
Bottom View
Intel® R680E/Q670E/
H610E Chipset
Nano SIM slot
eDP
M.2 M Key
USB 3.2
Gen2
COM1/2
Front Audio
PCIe x16 (Gen5)
M.2 2242/3042/3052 B Key
M.2 2230 E Key
USB 2.0
Intel® 14th/13th/12th Gen
Core i9/i7/i5/i3
SATA 3.0
System Fan
USB 3.2
LVDS
DDR4 SODIMM
SPI
SATA Power
CPU Fan
DIO
DIO Power
USB 3.2
Gen2
DP++
LAN1
LAN3
USB 3.2
Gen2
DP++/
HDMI
LAN1
LAN3
LAN2
DP++
DP++/
HDMI
ADS101: 12 VDC-in
ADS103: 15-36 VDC-in


Similar Part No. - ADS103-R680DB

ManufacturerPart #DatasheetDescription
logo
VoltarisTech Inc
ADS10 VOLTARISTECH-ADS10 Datasheet
529Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER
Rev.A3
logo
Analog Devices
ADS10-V1EBZ AD-ADS10-V1EBZ Datasheet
17Mb / 163P
Integrated 2T2R TDD and FDD RadioVerse Transceiver with Dual Observation Paths
Rev. A
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000 TI1-ADS1000 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Power Semiconductors
ADS1000 POSEICO-ADS1000 Datasheet
153Kb / 4P
RECTIFIER DIODES MODULE
More results

Similar Description - ADS103-R680DB

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HD100-H81 GSR-HD100-H81 Datasheet
386Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
AAEON Technology
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com