Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301TS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBD301TS
Description  SURFACE MOUNT SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD301TS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBD301TS Datasheet HTML 1Page - Pan Jit International Inc. MMBD301TS Datasheet HTML 2Page - Pan Jit International Inc. MMBD301TS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-DEC.19.2005
MMBD301TS
Fig.3 TYPICAL TOTAL CAPACITANCE
Fig.1 TYPICAL REVERSE CHARACTERISTICS
RATING AND CHARACTERISTIC CURVES
Fig.2-TYPICAL FORWARD CHARACTERISTICS
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VF, Forward Voltage (V)
T=-25 C
A
O
25 C
O
75 C
O
125 C
O
0.001
0.01
0.1
1
10
100
0
1020
3040
VR, Reverse Voltage (V)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
5
10
15
20
25
30
VR,Reverse Voltage (Volts)
f=1MHz
T =125 C
A
O
T=75 C
A
O
T=25 C
A
O



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com