Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301TS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD301TS
Description  SURFACE MOUNT SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD301TS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD301TS Datasheet HTML 1Page - Pan Jit International Inc. MMBD301TS Datasheet HTML 2Page - Pan Jit International Inc. MMBD301TS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-DEC.19.2005
MMBD301TS
SURFACE MOUNT SCHOTTKY DIODE
VOLTAGE
30 Volts
200mWatts
FEATURES
• Low Capacitance : 1.5pF(Max)at V
R=15V
• Very Low V
F : 0.36V (Typ) at IF = 1mA
• Extremely Fast Switching Speed
• Pb free product : 99% Sn above can meet RoHS environment
substance directive request
MECHANICALDATA
• Case: SOD-523 plastic case.
• Terminals : Solderable per MIL-STD-750,Method 2026
• Standard packaging: 8mm tape
• Weight: approximately 0.002gram
• Marking : 301
POWER
ABSOLUTE RATINGS AND THERMAL CHARACTERISTICS
NOTE:
1. FR-5 Board = 1.0X0.75X0.062 in.
ELECTRICAL CHARACTERISTICS (T
J=25
OC unless otherwise noted)
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
S
N
O
I
T
I
D
N
O
C
T
S
E
T
.
N
I
M
.
P
Y
T
.
X
A
M
S
T
I
N
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
V
)
R
B
(
I
R
A
u
0
1
=
0
3
-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
IR
V
R
V
5
2
=
-
-
2
.
0
µA
e
g
a
t
l
o
V
d
r
a
w
r
o
F
V
F
I
F
A
m
0
.
1
=
-
-
5
4
.
0
V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
V
F
I
F
A
m
0
1
=
-
-
6
.
0
V
e
c
n
a
t
i
c
a
p
a
C
l
a
t
o
T
C
T
V
R
V
5
1
=,
H
M
0
.
1
=
f
Z
-
-
5
.
1
F
p
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
e
u
l
a
V
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
m
u
m
i
x
a
M
V
R
0
3
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V
M
R
R
0
3
V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
m
u
m
i
x
a
M
I
F
2
.
0
A
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
P
T
O
T
0
0
2
W
m
)
1
e
t
o
N
(
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rθ
A
J
0
0
5
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T
J
5
2
1
o
t
5
5
-
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
o
t
5
5
-
O C


Similar Part No. - MMBD301TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD301TS PANJIT-MMBD301TS_09 Datasheet
92Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
More results

Similar Description - MMBD301TS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
logo
Pan Jit International I...
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Comchip Technology
BAS54 COMCHIP-BAS54 Datasheet
63Kb / 2P
Surface Mount Schottky Diode
logo
Pan Jit International I...
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F Datasheet
89Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD301 PANJIT-MMBD301_13 Datasheet
186Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
Surface mount schottky diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com