Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL600 Datasheet(PDF) 2 Page - DFI Inc

Part # ASL600
Description  Intel® Atom® Amston Lake Processors SMARC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL600 Datasheet(HTML) 2 Page - DFI Inc

  ASL600 Datasheet HTML 1Page - DFI Inc ASL600 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 4, 2024 DFI Inc.
SPECIFICATION
SYSTEM
Processor
Intel® Atom x7000RE series processors (Code Name: Amston Lake)
Intel® Atom Processor x7835RE, 8 Cores, 1.3~3.6GHz, 12W
Intel® Atom Processor x7433RE, 4 Cores, 1.5~3.4GHz, 9W
Intel® Atom Processor x7211RE, 2 Cores, 1.0~3.2GHz, 6W
Memory
Onboard LPDDR5 4800MHz up to 16GB
BIOS
AMI SPI 256MHz
GRAPHICS
Controller
Intel® UHD
Feature
DX12, Open GL 4.6, Vulkan 1.2
HW Decode: 4K60 10b 4:2:0, 4:4:4 HEVC/VP9/SCC, 4K60 10b 4:2:0 AV1
HW Encode: 4K60 10b 4:2:0, 4:4:4 HEVC/VP9/SCC
Display
1 x LVDS/eDP
1 x HDMI/DDI1
1 x DDI
LVDS: dual channel 1920x1200 @60Hz
eDP: 4096x2160 @60Hz
HDMI 1.4b: 4096x2160 @30Hz
DP: 4096x2160 @60Hz
Triple Displays
LVDS/eDP + HDMI + DDI
EXPENSION
Interface
Up to 4x PCIex1 (Gen3)
2 x I2C
2 x CANBus
1 x SPI, 1 x eSPI/QSPI
2 x 4-wire UART; 2 x 2-wire UART
1 x 4-lane MIPI-CSI; 1 x 2-lane MIPI-CSI
AUDIO
Interface
HD Audio
ETHERNET
Controller
2 x Intel® I226 series (10/100/1000/2500Mbps)
I/O
USB
2 x USB 3.2
4 x USB 2.0
SATA
1 x SATA 3.0 (up to 6Gb/s)
eMMC
1 x 64GB eMMC 5.1
GPIO
1 x 14-pin GPIO
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM 2.0
POWER
Type
5Vdc, +/-5%
Consumption
TBD
OS SUPPORT
Microsoft
Windows 11/10 IoT Enterprise 64-bit
Linux
Linux
ENVIRONMENT
Temperature
Operating: -40 ~ 85°C
Storage: -40 ~ 85°C
Humidity
Operating: 10 ~ 90% RH
Storage: 10 ~ 90% RH
MTBF
TBD
MECHANISM
Dimensions
SMARC V2.2
82mm (3.22") x 50mm (1.96")
Compliance
SGET SMARC Specifications 2.2
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC, RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com