Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL600 Datasheet(PDF) 1 Page - DFI Inc

Part # ASL600
Description  Intel® Atom® Amston Lake Processors SMARC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL600 Datasheet(HTML) 1 Page - DFI Inc

  ASL600 Datasheet HTML 1Page - DFI Inc ASL600 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intel® Atom® Amston Lake Processors
SMARC
KEY FEATURES
LPDDR5
4K High
Resolution
Triple
Displays
Multiple
Expansion
Rich I/O
Onboard LPDDR5
4800MHz up to 16GB
Supports 4K/2K
resolution
1 LVDS/eDP, 1 HDMI,
1 DDI
Up to 4 PCIe x1 (Gen3)
2 2.5GbE, 2 USB 3.2,
4 USB 2.0, 1 SATA 3.0
ASL600
Bottom View
Top View
COMING SOON
COMING SOON


Similar Part No. - ASL600

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
ASL60-12 ASTRODYNE-ASL60-12 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
ASL60-12A ASTRODYNE-ASL60-12A Datasheet
700Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
ASL60-15 ASTRODYNE-ASL60-15 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
ASL60-15A ASTRODYNE-ASL60-15A Datasheet
700Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - ASL600

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2363 ADVANTECH-MIO-2363 Datasheet
5Mb / 6P
Intel® Atom® x6000 Series Processor (Code Name: Elkhart Lake) Pico-ITX SBC
7-Sep-2022
SOM-2532 ADVANTECH-SOM-2532 Datasheet
5Mb / 7P
Intel Atom x6000, Pentium and Celeron® x6000 Series Processor (Code Name: Elkhart Lake) SMARC Module
2-Sep-2022
SOM-2569 ADVANTECH-SOM-2569 Datasheet
8Mb / 6P
Intel® Atom™ E3900 / Pentium® / Celeron® N Series SMARC Module
13-Oct-2021
SOM-6832 ADVANTECH-SOM-6832 Datasheet
1Mb / 6P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Compact Type6
29-Nov-2021
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
TPC-315-EHL ADVANTECH-TPC-315-EHL Datasheet
544Kb / 2P
15" XGA Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
logo
AAEON Technology
GENE-EHL5 AAEON-GENE-EHL5 Datasheet
553Kb / 2P
SubCompact Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2022/09/08
logo
BCM Advanced Research.
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
RX170Q BCM-RX170Q Datasheet
583Kb / 1P
Intel® Q170 uATX Motherboard supports Intel Kaby Lake/ Skylake Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com