Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL968 Datasheet(PDF) 1 Page - DFI Inc

Part # ASL968
Description  Intel® Atom® Processor Amston Lake Series COM Express® Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL968 Datasheet(HTML) 1 Page - DFI Inc

  ASL968 Datasheet HTML 1Page - DFI Inc ASL968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KEY FEATURES
DDR5
4K High
Resolution
Triple
Displays
Multiple
Expansion
RICH I/O
Single Channel DDR5
4800MHz SODIMM
up to 16GB
Supports 4K / 2K reso-
lution
1 LVDS/eDP, 2 DDI
Up to 7 PCIe x1
1 Intel 2.5GbE,
up to 4 USB 3.2,
2 SATA 3.0
Intel® Atom® Processor Amston Lake Series
COM Express® Compact
ASL968
Bottom View
Front View
Intel® Atom® Processor
Amston Lake Series
DDR5 SODIMM


Similar Part No. - ASL968

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL912 ASB-ASL912 Datasheet
885Kb / 16P
1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
1.2GHz CATV Push-pull Amplifier MMIC
March 2017
logo
DFI Inc
ASL9A2 DFI-ASL9A2 Datasheet
1Mb / 3P
Intel® Atom® Processor Amston Lake Series COM Express® Mini
ASL9A2-TC16-7433RE DFI-ASL9A2-TC16-7433RE Datasheet
1Mb / 3P
Intel® Atom® Processor Amston Lake Series COM Express® Mini
ASL9A2-TC16-7835RE DFI-ASL9A2-TC16-7835RE Datasheet
1Mb / 3P
Intel® Atom® Processor Amston Lake Series COM Express® Mini
More results

Similar Description - ASL968

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2363 ADVANTECH-MIO-2363 Datasheet
5Mb / 6P
Intel® Atom® x6000 Series Processor (Code Name: Elkhart Lake) Pico-ITX SBC
7-Sep-2022
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
SOM-6832 ADVANTECH-SOM-6832 Datasheet
1Mb / 6P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Compact Type6
29-Nov-2021
SOM-6883 ADVANTECH-SOM-6883 Datasheet
4Mb / 6P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Compact Type6
29-Jul-2022
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
AAEON Technology
NANOCOM-APL-B10 AAEON-NANOCOM-APL-B10 Datasheet
604Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
logo
BCM Advanced Research.
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
ESM-EHLC BCM-ESM-EHLC Datasheet
1Mb / 1P
Intel® Elkhart Lake SoC Type 6 COM Express Module
2021/06/24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com