Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL9A2 Datasheet(PDF) 2 Page - DFI Inc

Part # ASL9A2
Description  Intel® Atom® Processor Amston Lake Series COM Express® Mini
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL9A2 Datasheet(HTML) 2 Page - DFI Inc

  ASL9A2 Datasheet HTML 1Page - DFI Inc ASL9A2 Datasheet HTML 2Page - DFI Inc ASL9A2 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Intel Amston Lake
35x24mm, BGA1264
TDP 6W - 12W
eDP/DP
DP++
USB 3.2 P1/P2
PCIe_LANE 1~4
USB2.0_Port 1~8
HDA Bus
SPI BUS
PICMG COM.0 Rev 3.1 Type-10
IMVP 9.1
DDI_A
DDI_B
PTN3460
LVDS 24bit
eDP/LVDS
DDI 0
USBSS P0/P1
TCP0/TCP1
PCIe_LANE 0~3
HSIO Lane 0~3
PCIE 3.0 Lane 7
2.5GLAN
I226LM/IT
MDI
GLAN1
HSIO Lane 6
USB P0~7
HDA/SNDW
SPI
USB 2.0 Port 1~8
HDA
SPI
TPM 2.0
SPI Flash BIOS
(256M bit)
eSPI to LPC
Bridge
F85227N
eSPI BUS
eSPI
UART 0/1
LPC BUS
LPC
Embedded
Controller
IT5782VG-I
Serial Port 1/2
SLP/LID BTN
UART0/1
CAN1
Serial port1
Serial port2(CAN option)
WDT
Fan PWM/TACH_IN
CMOS Backup
EEPROM
I2C BUS
SMBUS
I2C BUS
I2C BUS
SNDW (Optional)
SNDW0
eMMC
SMBUS
GSPI2
SMBUS
SMBUS
I2C BUS
8bit DIO [4bit in, 4bit out]
GSPI
GSPI Bus
GPIO
GPIO 8bit
MEMORY DOWN
8GB & 16GB
Channel 0/1
Channel 2/3
LPDDR5
x32
LPDDR5
x32
eMMC 5.1
8G/16G/32G/64G/128G
(Optional)
eMMC 5.1 Bus
SATA Gen3 0/1
SATA 0/1
HSIO Lane 10/11
(OPTION)
(OPTION)
DC-Input
+4.75V~+20V
S/W
S/W
Limit H=7mm
TOP
BOTTOM
Limit H=3.5mm
0
4
51
55
4
51



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com