Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL9A2 Datasheet(PDF) 3 Page - DFI Inc

Part # ASL9A2
Description  Intel® Atom® Processor Amston Lake Series COM Express® Mini
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL9A2 Datasheet(HTML) 3 Page - DFI Inc

  ASL9A2 Datasheet HTML 1Page - DFI Inc ASL9A2 Datasheet HTML 2Page - DFI Inc ASL9A2 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
CPU
Memory eMMC LVDS/eDP TPM 2.0 Thermal Operating Temp.
ASL9A2-TC16-7835RE 770-ASL9A21-000G Intel® Atom Processor x7835RE, 8 Cores, 12W
16GB
64GB eDP
N/A
Cooler
-40 to 85°C
ASL9A2-TC16-7433RE 770-ASL9A21-100G Intel® Atom Processor x7433RE, 4 Cores, 9W
16GB
64GB eDP
N/A
Cooler
-40 to 85°C
ASL9A2-TC86-7213RE 770-ASL9A21-200G Intel® Atom Processor x7213RE, 2 Cores, 9W
8GB
64GB LVDS
N/A
Cooler
-40 to 85°C
ASL9A2-TC86-7211RE 770-ASL9A21-300G Intel® Atom Processor x7211RE, 2 Cores, 6W
8GB
64GB LVDS
N/A
Cooler
-40 to 85°C
Cooler
A71-108305-000G
Heat Spreader
A71-808364-000G
COM335 Carrier Board Kit
770-CM3351-000G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © October 18, 2024 DFI Inc.
SPECIFICATION
SYSTEM
Processor
Intel® Atom x7000RE series processors (Code Name : Amston Lake)
Intel® Atom Processor x7835RE, 8 Cores, 1.3~3.6GHz, 12W
Intel® Atom Processor x7433RE, 4 Cores, 1.5~3.4GHz, 9W
Intel® Atom Processor x7213RE, 2 Cores, 2.0~3.4GHz, 9W
Intel® Atom Processor x7211RE, 2 Cores, 1.0~3.2GHz, 6W
Memory
LPDDR5 up to 16GB
Dual Channel LPDDR5 4800MHz
8GB/16GB supported by project basis.
In-band ECC (IBECC) Supported by all CPU SKUs
BIOS
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® UHD
Feature
Open GL 4.6, DirectX 12.1 Vulkan 1.2 (Windows)
Mesa 3D, Open GL 4.6, Vulkan 1.2 (Linux)
HW Decode: 4K60 10b 4:2:0, 4:4:4 HEVC/VP9/SCC, 4K60 10b 4:2:0 AV1
HW Encode: 4K60 10b 4:2:0, 4:4:4 HEVC/VP9/SCC
Display
1 x DDI
1 x LVDS/eDP
LVDS: single channel 24-bit, resolution up to 1920x1200 @ 60Hz
eDP: resolution up to 4096x2160 @ 60Hz
HDMI: resolution up to 4096x2160 @ 30Hz
DP++: resolution up to 4096x2160 @ 60Hz, 3840x2160 @60Hz
Dual Displays
DDI + LVDS/eDP
EXPANSION
Interface
4 x PCIe x1 (Gen 3)
1 x I2C
1 x SMBus
1 x LPC
1 x SNDW (available upon request)
1 x GSPI
2 x UART (TX/RX)
1 x CAN bus (available upon request)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x Intel® I226-IT / I226-LM (10/100/1000Mbps/2.5Gbps)
I/O
USB
2 x USB 3.2 Gen2
8 x USB 2.0
SATA
2 x SATA 3.0 (up to 6Gb/s)
eMMC
1 x 8GB/16GB/32GB/64GB/128GB eMMC 5.1 (available upon request)
DIO
1 x 8-bit DIO
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
dTPM or fTPM (Optional)
POWER
Type
4.75V~20V, 5VSB, VCC_RTC (ATX mode)
4.75V~20V, VCC_RTC (AT mode)
Consumption
TBD
OS SUPPORT
OS Support
(UEFI Only)
Windows 11/10 IoT Enterprise 64-bit
Linux
ENVIRONMENT
Temperature
Operating: -40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANISM
Dimensions
COM Express® Mini
84mm (3.3") x 55mm (2.16")
Compliance
PICMG COM Express® R3.1, Type 10
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com