Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS100 Datasheet(PDF) 3 Page - DFI Inc

Part # CMS100
Description  10th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS100 Datasheet(HTML) 3 Page - DFI Inc

  CMS100 Datasheet HTML 1Page - DFI Inc CMS100 Datasheet HTML 2Page - DFI Inc CMS100 Datasheet HTML 3Page - DFI Inc CMS100 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
Model Name
CMS100-W480E
CMS100-Q470E
CMS100-H420E
SYSTEM
Processor
10th Gen Intel® Xeon/Core™/Pentium/Celeron Processors, LGA 1200 Socket, TDP up to 125W
Intel® Xeon W-1290E Processor (Core 10; Max speed 4.8GHz; TDP 95W)(ECC memory supported)(W480E only)*
Intel® Xeon W-1270E Processor (Core 8; Max speed 4.8GHz; TDP 80W)(ECC memory supported)(W480E only)*
Intel® Xeon W-1250E Processor (Core 6; Max speed 4.7GHz; TDP 80W)(ECC memory supported)(W480E only)
Intel® Xeon W-1290TE Processor (Core 10; Max speed 4.5GHz; TDP 35W)(W480E only)
Intel® Xeon W-1270TE Processor (Core 8; Max speed 4.4GHz; TDP 35W)(W480E only)
Intel® Xeon W-1250TE Processor (Core 6; Max speed 3.8GHz; TDP 35W)(W480E only)
Intel® Core i9-10900E Processor (Core 10; Max speed 4.7GHz; TDP 65W)
Intel® Core i9-10900TE Processor (Core 10; Max speed 4.5GHz; TDP 35W)
Intel® Core i7-10700E Processor (Core 8; Max speed 4.5GHz; TDP 65W)
Intel® Core i7-10700TE Processor (Core 8; Max speed 4.4GHz; TDP 35W)
Intel® Core i5-10500E Processor (Core 6; Max speed 4.2GHz; TDP 65W)
Intel® Core i5-10500TE Processor (Core 6; Max speed 3.7GHz; TDP 35W)
Intel® Core i3-10100E Processor (Core 4; Max speed 3.8GHz; TDP 65W)
Intel® Core i3-10100TE Processor (Core 4; Max speed 3.6GHz; TDP 35W)
Intel® Pentium G6400E Processor (Core 2; Max speed 3.8GHz; TDP 65W)
Intel® Pentium G6400TE Processor (Core 2; Max speed 3.2GHz; TDP 35W)
Intel® Celeron G5900E Processor (Core 2; Max speed 3.2GHz; TDP 65W)
Intel® Celeron G5900TE Processor (Core 2; Max speed 3.0GHz; TDP 35W)
*Note: 5-year life cycle support based on Intel IOTG roadmap.
Chipset
Intel® W480E Chipset
Intel® Q470E Chipset
Intel® H420E Chipset
Memory
Two 260-pin SODIMM up to 64GB
(ECC/Non-ECC)
Dual Channel DDR4 2933MHz
Two 260-pin SODIMM up to 64GB
(Non-ECC)
Dual Channel DDR4 2933MHz
Two 260-pin SODIMM up to 64GB
(Non-ECC)
Dual Channel DDR4 2933MHz
BIOS
AMI SPI 256Mbit
AMI SPI 256Mbit
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Intel® HD Gen 9 Graphics
Intel® HD Gen 9 Graphics
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2,
VC1/WMV9, JPEG/MJPEG, HEVC/
H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2,
JPEG, HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2,
VC1/WMV9, JPEG/MJPEG, HEVC/
H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2,
JPEG, HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2,
VC1/WMV9, JPEG/MJPEG, HEVC/
H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2,
JPEG, HEVC/H265, VP8, VP9
Display
1 x DP++
1 x HDMI 1.4b/DP++
1 x LVDS/eDP
1 x DVI-I (DVI-D signal)
DP++: Resolution up to 4096x2304
@60Hz
HDMI 1.4b: Resolution up to
4096x2160 @30Hz
LVDS: resolution up to 1920x1200
@ 60Hz
eDP: resolution up to 4096x2160
@ 60Hz
DVI-I: resolution up to 1920x1200
@ 60Hz
1 x DP++
1 x HDMI 1.4b/DP++
1 x LVDS/eDP
1 x DVI-I (DVI-D signal)
DP++: Resolution up to 4096x2304
@60Hz
HDMI 1.4b: Resolution up to
4096x2160 @30Hz
LVDS: resolution up to 1920x1200
@ 60Hz
eDP: resolution up to 4096x2160
@ 60Hz
DVI-I: resolution up to 1920x1200
@ 60Hz
1 x DP++
1 x HDMI 1.4b/DP++
1 x LVDS/eDP
1 x DVI-I (DVI-D signal)
DP++: Resolution up to 4096x2304
@60Hz
HDMI 1.4b: Resolution up to
4096x2160 @30Hz
LVDS: resolution up to 1920x1200
@ 60Hz
eDP: resolution up to 4096x2160
@ 60Hz
DVI-I: resolution up to 1920x1200
@ 60Hz
Quad
Displays
DP++ + DP++ + DVI-I + LVDS/eDP
or DP++ + HDMI + DVI-I + LVDS/eDP
DP++ + DP++ + DVI-I + LVDS/eDP
or DP++ + HDMI + DVI-I + LVDS/eDP
DP++ + DP++ + DVI-I + LVDS/eDP
or DP++ + HDMI + DVI-I + LVDS/eDP
EXPANSION
Interface
1 x PCIe x16 (Gen 3)
1 x M.2 2230 E Key
(PCIe x1/USB 2.0)
1 x M.2 2280 M Key
(PCIe x4 Gen3 or SATA)
1 x M.2 2242/3042 B Key
(PCIe x1 Gen3 or SATA,
USB 3.2 Gen1/USB 2.0)
1 x Nano SIM slot
1 x PCIe x16 (Gen 3)
1 x M.2 2230 E Key
(PCIe x1/USB 2.0)
1 x M.2 2280 M Key
(PCIe x4 Gen3 or SATA)
1 x M.2 2242/3042 B Key
(PCIe x1 Gen3 or SATA,
USB 3.2 Gen1/USB 2.0)
1 x Nano SIM slot
1 x PCIe x16 (Gen 3)
1 x M.2 2230 E Key
(PCIe x1/USB 2.0)
1 x M.2 2280 M Key
(PCIe x1 Gen3)
1 x M.2 2242/3042 B Key
(PCIe x1 Gen3 or SATA)
1 x Nano SIM slot
AUDIO
Audio Codec Realtek ALC888
Realtek ALC888
Realtek ALC888
ETHERNET
Controller
1 x Intel® I225LM PCIe
(10/100/1000/2.5G speeds)
1 x Intel® I219LM PHY (10/100/1000
speeds), support vPro/AMT
1 x Intel® I225LM PCIe
(10/100/1000/2.5G speeds)
1 x Intel® I219LM PHY (10/100/1000
speeds), support vPro/AMT
1 x Intel® I225LM PCIe
(10/100/1000/2.5G speeds)
1 x Intel® I219V PHY (10/100/1000
speeds)
REAR I/O
Ethernet
1 x 2.5GbE (RJ-45)
1 x GbE (RJ-45)
1 x 2.5GbE (RJ-45)
1 x GbE (RJ-45)
1 x 2.5GbE (RJ-45)
1 x GbE (RJ-45)
USB
6 x USB 3.2 Gen2
(dual type-A connector)
6 x USB 3.2 Gen2
(dual type-A connector)
5 x USB 3.2 Gen1 + 1 x USB 2.0
(dual type-A connector)
Display
1 x DP++
1 x HDMI 1.4b or 1 x DP++
1 x DVI-I
1 x DP++
1 x HDMI 1.4b or 1 x DP++
1 x DVI-I
1 x DP++
1 x HDMI 1.4b or 1 x DP++
1 x DVI-I
Serial
2 x RS232/422/485 (DB-9)
2 x RS232/422/485 (DB-9)
2 x RS232/422/485 (DB-9)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com