Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS100 Datasheet(PDF) 4 Page - DFI Inc

Part # CMS100
Description  10th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS100 Datasheet(HTML) 4 Page - DFI Inc

  CMS100 Datasheet HTML 1Page - DFI Inc CMS100 Datasheet HTML 2Page - DFI Inc CMS100 Datasheet HTML 3Page - DFI Inc CMS100 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
• 1 CMS100 motherboard
• 1 Serial ATA data cable w/lock (Length: 500mm)
332-553001-005G
• 1 COM port cable (Length: 250mm, 1 x COM port)
A81-015011-001G
• 1 I/O shield
- w/ icon DVI/DP/DP
- w/ icon DVI/DP/HDMI
A49-CMS100-000G
A49-CMS100-000G
• COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• Thermal solution (For 35W, Height: 29.5mm)
A71-103004-000G
• Thermal solution (For 65W, Height: 45mm)
A71-103005-000G
• Thermal solution (For 125W, Height: 76.6mm)
A71-101143-000G
• DT122 Chassis
761-DT1220-200G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.
SPECIFICATION
Model Name
CMS100-W480E
CMS100-Q470E
CMS100-H420E
INTERNAL I/O
USB
4 x USB 2.0 (2.0mm pitch)
4 x USB 2.0 (2.0mm pitch)
2 x USB 2.0 (2.0mm pitch)
Display
1 x LVDS header
1 x eDP connector
1 x LVDS header
1 x eDP connector
1 x LVDS header
1 x eDP connector
Audio
1 x Front Audio (2.0mm pitch)
1 x Front Audio (2.0mm pitch)
1 x Front Audio (2.0mm pitch)
SATA
2 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10 (w/ M.2 Key-M/B slot
+ 2 SATA Conn.)
2 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10 (w/ M.2 Key-M/B slot
+ 2 SATA Conn.)
2 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 8-bit DIO
1 x DIO Power
1 x 8-bit DIO
1 x DIO Power
1 x 8-bit DIO
1 x DIO Power
LPC
1 x LPC
1 x LPC
1 x LPC
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
SECURITY
TPM
fTPM(Default); dTPM(Opt.)
fTPM(Default); dTPM(Opt.)
fTPM(Default); dTPM(Opt.)
POWER
Type
ATX
ATX
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
8-pin ATX 12V power
24-pin ATX power
8-pin ATX 12V power
24-pin ATX power
Consumption Idle: Intel Xeon W-1290E 95W:
12V @ 4.6A (55.2W)
Max: Intel Xeon W-1290E 95W:
12V @ 11.6A (139.2W)
Idle: Intel Xeon W-1290E 95W:
12V @ 4.6A (55.2W)
Max: Intel Xeon W-1290E 95W:
12V @ 11.6A (139.2W)
Idle: Intel Xeon W-1290E 95W:
12V @ 4.6A (55.2W)
Max: Intel Xeon W-1290E 95W:
12V @ 11.6A (139.2W)
Idle: Intel i9-10900K 125W:
12V @ 2A (24W)
Max: Intel i9-10900K 125W:
12V @ 22A (264W)
Idle: Intel i9-10900K 125W:
12V @ 2A (24W)
Max: Intel i9-10900K 125W:
12V @ 22A (264W)
Idle: Intel i9-10900K 125W:
12V @ 2A (24W)
Max: Intel i9-10900K 125W:
12V @ 22A (264W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Linux
Linux
Linux
Linux
ENVIRONMENT Temperature Operating: -5 to 65°C
Operating: -5 to 65°C
Operating: -5 to 65°C
Storage: -40 to 85°C
Storage: -40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
Operating: 5 to 90% RH
Storage: 5 to 90% RH
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
CMS100-Q470: 591,713 hrs @ 25°C;
357,627 hrs @ 45°C ;
234,022 hrs @ 60°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
CMS100-Q470: 591,713 hrs @ 25°C;
357,627 hrs @ 45°C ;
234,022 hrs @ 60°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
CMS100-Q470: 591,713 hrs @ 25°C;
357,627 hrs @ 45°C ;
234,022 hrs @ 60°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
MECHANISM
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 31.51 mm
Bottom Side: 4.4 mm
PCB: 1.6mm
Top Side: 31.51 mm
Bottom Side: 4.4 mm
PCB: 1.6mm
Top Side: 31.51 mm
Bottom Side: 4.4 mm
CERTIFICATION Certification CE, FCC, RoHS, UKCA, UL, CB
CE, FCC, RoHS, UKCA, UL, CB
CE, FCC, RoHS, UKCA, UL, CB
Model Name
P/N
Memory
Rear I/O
Internal I/O
Power
Operating
Temp.
Display
LAN
USB
M.2
USB
TPM
CMS100-Q470IB 770-CMS1001-000G
2 DDR4
1 DP++,
1 HDMI, 1 DVI
1 2.5GbE, 1 GbE
6 USB 3.2 Gen2
M.2 M/B/E Key
4 USB 2.0
W/O TPM ATX 24+8-pin -5 to 65°C
CMS100-Q470IB 770-CMS1001-100G
2 DP++, 1 DVI
6 USB 3.2 Gen2
4 USB 2.0
CMS100-W480IB 770-CMS1001-200G
1 DP++,
1 HDMI, 1 DVI
6 USB 3.2 Gen2
4 USB 2.0
CMS100-W480IB 770-CMS1001-300G
2 DP++, 1 DVI
6 USB 3.2 Gen2
4 USB 2.0
CMS100-H420IB 770-CMS1001-400G
1 DP++,
1 HDMI, 1 DVI
5 USB 3.2 Gen1,
1 USB 2.0
2 USB 2.0
CMS100-H420IB 770-CMS1001-500G
2 DP++, 1 DVI
5 USB 3.2 Gen1,
1 USB 2.0
2 USB 2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com