Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS310 Datasheet(PDF) 4 Page - DFI Inc

Part # CMS310
Description  10th Gen Intel® CoreTM microATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS310 Datasheet(HTML) 4 Page - DFI Inc

  CMS310 Datasheet HTML 1Page - DFI Inc CMS310 Datasheet HTML 2Page - DFI Inc CMS310 Datasheet HTML 3Page - DFI Inc CMS310 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
Model Name
CMS310-W480E
CMS310-Q470E
WATCHDOG
TIMER
Output & Interval System Reset, Programmable via Software from
1 to 255 sec/min
System Reset, Programmable via Software from
1 to 255 sec/min
SECURITY
TPM
Infineon TPM 2.0 (opt., MOQ required)
Infineon TPM 2.0 (opt., MOQ required)
POWER
Type
ATX
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
8-pin ATX 12V power
24-pin ATX power
Consumption
Typical: i9-10900K: 3.3V @ 0.41A (1.35W);
5V @ 0.76A (3.8W); 12V @ 0.34A (4.08W)
Max.: i9-10900K:3.3V @ 0.46A (1.52W);
5V @ 1.61A (8.05W); 12V @ 13.97A (167.64W)
Typical: i9-10900K: 3.3V @ 0.41A (1.35W);
5V @ 0.76A (3.8W); 12V @ 0.34A (4.08W)
Max.: i9-10900K:3.3V @ 0.46A (1.52W);
5V @ 1.61A (8.05W); 12V @ 13.97A (167.64W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Windows 10 IoT Enterprise 64-bit
Windows 11 GAC
Linux
Linux
Linux
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
487,616 hrs @ 25°C; 271,110 hrs @ 40°C ;
303,603 hrs @ 45°C ; 168,586 hrs @ 60°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
487,616 hrs @ 25°C; 271,110 hrs @ 40°C ;
303,603 hrs @ 45°C ; 168,586 hrs @ 60°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
MECHANISM
Dimensions
microATX Form Factor
244mm (9.6") x 244mm (9.6")
microATX Form Factor
244mm (9.6") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: 31.47mm
Bottom Side: 4.4mm
PCB: 1.6mm
Top Side: 31.47mm
Bottom Side: 4.4mm
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC, RoHS, UKCA, UL
CE, FCC, RoHS, UKCA, UL
SPECIFICATION
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
Memory GbE RS-232/422/485 RS-232 USB 3.2
Gen2
USB 3.2
Gen1
USB 2.0 TPM
2.0
Power
Thermal
Temp.
CMS310-W480ENRM 770-CMS3103-000G
4 DIMM
4
2
2
4
4
4
-
24-pin ATX/
8-pin ATX 12V
Active
-5 to 65°C
CMS310-Q470ENRM 770-CMS3103-100G
4
-
CMS310-W480ENRM 770-CMS3103-200G
2
-
CMS310-Q470ENRM 770-CMS3103-300G
2
-
CMS310-W480ENRM 770-CMS3103-400G
4
1
CMS310-Q470ENRM 770-CMS3103-500G
4
1
CMS310-W480ENRM 770-CMS3103-600G
2
1
CMS310-Q470ENRM 770-CMS3103-700G
2
1
·
1 CMS310-W480E/Q470E motherboard
·
1 COM port cable
(W/Bracket, Length: 300mm, 2 x COM ports)
A81-015026-023G
·
1 Serial ATA data cable
(W/LOCK, Length: 500mm)
332-553001-005G
·
1 I/O shield
-4 LAN
-2 LAN
A49-CMS310-000G
A49-CMS310-010G
·
USB 2.0 port cable (Length: 350/398mm)
A81-001066-016G
·
USB 3.2 Gen2 port cable (Length: 350mm)
A81-001075-017G
·
COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
·
Serial ATA data cable (Length: 500mm, W/LOCK)
332-553001-005G
·
Serial ATA data cable (Length: 500mm, W/LOCK, 90D) A81-002128-017G
·
Thermal solution (For 35W, Height: 37.3mm)
A71-101107-000G
·
Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
·
Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G 
·
DP to HDMI Dongle
612-D2H13M-000G
·
PS2 KB/MS Cable (Length: 400mm)
332-353016-009G
·
EXT-RS232 (4 ports RS-232 LPC module)
770-EXTRS1-000G
·
EXT-RS485 (4 ports RS-485 LPC module)
770-EXTRS1-100G
·
USB 3.2 TYPE E TO USB 3.2 20P 90D cable
A81-001149-017G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com