Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS310 Datasheet(PDF) 1 Page - DFI Inc

Part # CMS310
Description  10th Gen Intel® CoreTM microATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS310 Datasheet(HTML) 1 Page - DFI Inc

  CMS310 Datasheet HTML 1Page - DFI Inc CMS310 Datasheet HTML 2Page - DFI Inc CMS310 Datasheet HTML 3Page - DFI Inc CMS310 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10th Gen Intel® CoreTM
microATX
KEY FEATURES
DDR4
4K High
Resolution
Triple
Displays
Multiple
Expansion
Rich I/O
4 DDR4 DIMM up to
128GB
Supports 4K/ 2K reso-
lution
VGA, DP++, HDMI 1.4b
2 PCIe x16 (1 x16 or 2
x8 signal), 2 PCIe x4,
1 M.2 E Key, 1 M.2 M
Key, 4 SATA 3.0
up to 4 Intel GbE,
4 USB 3.2 Gen 2, 4 USB
3.2 Gen 1, 4 USB 2.0,
4 COM
Intel W480E/Q470E
Chipset
DDR4 DIMM
SATA 3.0
System Fan_1
LPC
CMS310-W480E
CMS310-Q470E
12V Power
USB 2.0
Desktop
Line-out
Mic-in
DP++
HDMI
USB 3.2 Gen1
LAN 1/2
USB 3.2
Gen2
USB 3.2
Gen1
LGA 1200
CPU Fan
ATX Power Front Panel PS/2
COM1~4
Front LAN LED
DIO
PCIe x16
System Fan_2
Front Audio
USB 3.2 Gen2
M.2 E Key
M.2 M Key
System Fan_3
PCIe x4
VGA
LAN 3 LAN 4
DFI's
Proprietary
Technology
2 Extension Modules for Additional 4 COM Ports
(via the LPC connector)
EXT-RS232
- 4 RS232
EXT-RS485
- 4 RS485
DFI Motherboard
EXT-RS232/RS485
Additional 4 COM


Similar Part No. - CMS310

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CMS311 DFI-CMS311 Datasheet
1Mb / 4P
10th Gen Intel® CoreTM microATX
CMS311-Q470ENRM DFI-CMS311-Q470ENRM Datasheet
1Mb / 4P
10th Gen Intel® CoreTM microATX
CMS311-W480ENRM DFI-CMS311-W480ENRM Datasheet
1Mb / 4P
10th Gen Intel® CoreTM microATX
logo
Comchip Technology
CMS3134KQA-HF COMCHIP-CMS3134KQA-HF Datasheet
476Kb / 5P
MOSFET
REV:B
CMS3139KQA-HF COMCHIP-CMS3139KQA-HF Datasheet
116Kb / 5P
MOSFET
REV:A
More results

Similar Description - CMS310

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
HD330-Q87 GSR-HD330-Q87 Datasheet
1Mb / 2P
4th Gen Intel짰 CoreTM microATX
MB330-CRM GSR-MB330-CRM Datasheet
397Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
MB331-CRM GSR-MB331-CRM Datasheet
372Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
SB330-CRM GSR-SB330-CRM Datasheet
333Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
logo
DFI Inc
HM961-HM86 DFI-HM961-HM86 Datasheet
1,011Kb / 2P
4th Gen Intel CoreTM COM Express Basic
HM961-QM87 DFI-HM961-QM87 Datasheet
849Kb / 2P
4th Gen Intel CoreTM COM Express Basic
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com