Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1301 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1301
Description  Optocoupler, High-Voltage Darlington Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1301 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1301 Datasheet HTML 1Page - Clare, Inc. CPC1301 Datasheet HTML 2Page - Clare, Inc. CPC1301 Datasheet HTML 3Page - Clare, Inc. CPC1301 Datasheet HTML 4Page - Clare, Inc. CPC1301 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1301
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Collector-Emitter Voltage V
CE (V)
0
180
160
140
120
100
80
60
40
20
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
CPC1301
Collector Current vs.
Collector-Emitter Voltage
(T
A=25ºC)
I
F = 1mA
I
F = 0.5mA
I
F = 2mA
I
F = 5mA
I
F = 10mA
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0.1
1
10
100
CPC1301
LED Current (I
F) vs.
LED Forward Voltage (V
F)
(T
A = 25ºC)
100,000
0.1
1
10
100
10,000
1000
100
10
LED Current (mA)
V
CE=1.5V
V
CE=1.0V
CPC1301
CTR vs. LED Current (I
F)
(T
A = 25ºC)
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0
10
20
30
40
50
CPC1301
LED Current (I
F) vs.
LED Forward Voltage (V
F)
(T
A = 25ºC)
CPC1301
Breakdown Voltage vs. Temperature
Temperature (ºC)
-40
450
440
430
420
410
400
390
380
370
-15
10
35
60
85
LED Forward Current (mA)
0.01
1000
100
10
1
0.1
1
10
100
V
CE=1.0V
V
CE=1.5V
CPC1301
Collector Current vs. LED Current (I
F)
(T
A = 25ºC)
Temperature (ºC)
CPC1301
Leakage vs. Temperature
(V
CEO = 350V)
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
-20
0
20
40
60
80
120
100
CPC1301
Collector Current vs. Temperature
Temperature (ºC)
(V
CE = 1.2V)
375
300
225
150
75
0
-40
-20
0
20
40
60
80
100
I
F=10mA
I
F=5mA
I
F=1mA
I
F=0.5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
CPC1301
LED Forward Voltage vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
Load Resistance (
Ω)
10
100
1K
10K
100K
0.1
1
10
100
1000
CPC1301
Switching Time vs. Load Resistance
(T
A=25ºC)
t
OFF, IF=16mA
t
OFF, IF=1.6mA
t
ON, IF=1.6mA
t
ON, IF=16mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com