Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1301 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1301
Description  Optocoupler, High-Voltage Darlington Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1301 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1301 Datasheet HTML 1Page - Clare, Inc. CPC1301 Datasheet HTML 2Page - Clare, Inc. CPC1301 Datasheet HTML 3Page - Clare, Inc. CPC1301 Datasheet HTML 4Page - Clare, Inc. CPC1301 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1301
R01
MECHANICAL DIMENSIONS
4-Pin DIP (“G” Suffix)
PIN #1
0.250 ± 0.005
(6.350 ± 0.127)
0.039
(0.991)
0.360 ± 0.020
(9.144 ± 0.508)
0.300 ± 0.010
(7.620 ± 0.250)
0.130 ± 0.002
(3.30 ± 0.050)
0.010
(0.254)
9° (ALL)
9° (ALL)
0.180 ± 0.005
(4.572 ± 0.127)
0.018 ± 0.003
(0.457 ± 0.076)
0.100 ± 0.005
(2.540 ± 0.127)
0.125
(3.175)
0.085
(2.159)
0.020
(0.508)
NOTES:
1. All dimensions are in inches (mm).
2. Package tolerance to be ±0.002 (0.05) unless otherwise specified.
3. Cavity surface to be matte finish, 21 - 24 inches charmille gauge.
4. Tolerance of package misalignment or mismatch to be ±0.002 (0.05).
5. General tolerances ± 0.002 (0.05) unless otherwise specified.
0.250 ± 0.005
(6.350 ± 0.127)
0.039
(0.991)
PIN #1
4-Pin Surface Mount (”GR” Suffix)
NOTES:
1. All dimensions are in inches (mm).
2. Package tolerance to be ± 0.002 (0.050) unless otherwise specifi
3. Cavity surface to be matte finish, 21-24 in. charmille gauge.
4. Tolerance of package misalignment or mismatch to be ± 0.002 (0
5. General tolerances ± 0.002 (0.050) unless otherwise specified.
0.010
(0.254)
0.130 ± 0.002
(3.300 ± 0.050)
0.137 ± 0.003
(3.480 ± 0.076)
0.025 ± 0.010
(0.635 ± 0.254
0.375
(9.525)
0.300 ± 0.010
(7.620 ± 0.254)
9°±1° (ALL)
0.180 ± 0.005
(4.572 ± 0.127)
0.004 MIN/0.010 MAX
(0.102 MIN/0.254 MAX
0.100 ± 0.005
(2.540 ± 0.127)
9° (ALL)
Manufacturing Information
Soldering
For proper assembly, the component must be
processed in accordance with the current revision
of IPC/JEDEC standard J-STD-020. Failure to
follow the recommended guidelines may cause
permanent damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
Dimensions:
inches
(mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com