Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1981Y Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1981Y
Description  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1981Y Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1981Y Datasheet HTML 1Page - Clare, Inc. CPC1981Y Datasheet HTML 2Page - Clare, Inc. CPC1981Y Datasheet HTML 3Page - Clare, Inc. CPC1981Y Datasheet HTML 4Page - Clare, Inc. CPC1981Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1981Y
www.clare.com
3
R03
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage (V)
12.1
12.2
12.3
12.5
12.4
12.6
35
30
25
20
15
10
5
0
1044
1060
1076
1052
1068
1084
Blocking Voltage (V)
CPC1981Y
1.7
2.3
2.9
1.4
2.0
2.6
Turn-On (ms)
0.010
0.012
0.014
0.009
0.011
0.013
Turn-Off (ms)
CPC1981Y
Typical Maximum DC
Load Current vs. Temperature
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
-40
-20
0
20
40
60
80
120
100
IF = 20mA
IF = 10mA
CPC1981Y
Typical Leakage vs. Temperature at
Maximum Rated Voltage
(Measured across Pins 3 & 4)
-40
0.21
0.18
0.15
0.12
0.09
0.06
0.03
0
-20
0
20
40
60
80
100
CPC1981Y
Blocking Voltage vs. Temperature
-40
-20
0
20
40
60
80
100
1160
1140
1120
1100
1080
1060
1040
1020
1000
-40
-20
0
20
40
60
80
100
IF = 10mA
CPC1981Y
Typical Turn-On vs. Temperature
(Load Current = 100 mADC)
1400
1200
1000
800
600
400
200
0
IF = 20mA
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
IF = 10mA
IF = 20mA
CPC1981Y
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
CPC1981Y
Typical LED Forward Voltage Drop
vs. Temperature
IF = 50mA
IF = 10mA
IF = 20mA
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
CPC1981Y
Typical Turn-On vs.LED Forward Current
(Load Current = 100 mADC)
LED Forward Current (mA)
0
5
10 15 20 25 30 35 40 45 50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com