Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1981Y Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1981Y
Description  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1981Y Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1981Y Datasheet HTML 1Page - Clare, Inc. CPC1981Y Datasheet HTML 2Page - Clare, Inc. CPC1981Y Datasheet HTML 3Page - Clare, Inc. CPC1981Y Datasheet HTML 4Page - Clare, Inc. CPC1981Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1981Y
R03
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC1981Y
Typical Turn-Off vs. LED Forward Current
(Load Current = 100 mADC)
LED Forward Current (mA)
0
5
10 15 20 25 30 35 40 45 50
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
CPC1981Y
Typical On-Resistance vs. Temperature
(Load Current = max rated)
-40
-20
0
20
40
60
80
100
IF = 10mA
IF = 5mA
27
24
21
18
15
12
9
6
3
CPC1981Y
Typical IF for Switch Operation
vs. Temperature
(Load Current = 100mADC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Load Voltage (V)
-3
-2
-1
1
2
0
3
CPC1981Y
Energy Rating Curve
(Free air, no heat sink)
Time
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
1ms
100ms
10s
10ms
1s
100s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com