Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1074875 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1074875
Description  EH 35 F-B/ABS-PC BK9005 - Mounting base housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1074875 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1074875 Datasheet HTML 1Page - PHOENIX CONTACT 1074875 Datasheet HTML 2Page - PHOENIX CONTACT 1074875 Datasheet HTML 3Page - PHOENIX CONTACT 1074875 Datasheet HTML 4Page - PHOENIX CONTACT 1074875 Datasheet HTML 5Page - PHOENIX CONTACT 1074875 Datasheet HTML 6Page - PHOENIX CONTACT 1074875 Datasheet HTML 7Page - PHOENIX CONTACT 1074875 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Lower housing part with base latch, flat design, without vents, width: 35.1 mm,
height: 75 mm, depth: 30.3 mm, color: black (similar RAL 9005), cross connection: without bus
connector, number of positions cross connector: not relevant
Your advantages
DIN rail or panel mounting for application-specific device attachment
•
Easy design-in, thanks to variable housing form factor
•
Complete flexibility, thanks to PCBs with horizontal, frontal, and orthogonal orientation to the front of the device
•
Three cover versions for individual PCB connections
•
Integration of a wide variety of PCB connection technologies for a functional device design
•
Commercial data
Item number
1074875
Packing unit
10 pc
Minimum order quantity
1 pc
Product key
ACHCHB
GTIN
4055626776743
Weight per piece (including packing)
18.57 g
Weight per piece (excluding packing)
18.5 g
Country of origin
IN
EH 35 F-B/ABS-PC BK9005 - Mounting base housing
1074875
https://www.phoenixcontact.com/us/products/1074875
Feb 14, 2025, 2:23 AM
Page 1 (8)


Similar Part No. - 1074875

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1074870 PHOENIX-1074870 Datasheet
285Kb / 7P
EH 35 F-C DS/ABS-PC GY7035 - Upper housing part
1074877 PHOENIX-1074877 Datasheet
296Kb / 8P
EH 35 F-B/ABS-PC GY7035 - Mounting base housing
More results

Similar Description - 1074875

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
BX0036 BULGIN-BX0036 Datasheet
97Kb / 1P
BATTERY HOLDERS PC/Base Mounting
BX0123 BULGIN-BX0123 Datasheet
92Kb / 1P
BATTERY HOLDERS PC/Base Mounting
FX0321 BULGIN-FX0321 Datasheet
86Kb / 1P
PC and Base Mounting, PC1
logo
PHOENIX CONTACT
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201448 PHOENIX-2201448 Datasheet
89Kb / 5P
Upper part of housing - EH 45 F-C SS/ABS BK9005
09/12/2020
2201742 PHOENIX-2201742 Datasheet
107Kb / 7P
Mounting base housing - EH 70-B/ABS GY7035
09/12/2020
logo
HARTING Technology Grou...
09-15-503-5401 HARTING-09-15-503-5401 Datasheet
526Kb / 2P
Han FB cover-housing
2021-10-01
logo
PHOENIX CONTACT
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
106461 PHOENIX-106461 Datasheet
618Kb / 21P
Series EH...F electronics housings
2015-03-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com