Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1074875 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1074875
Description  EH 35 F-B/ABS-PC BK9005 - Mounting base housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1074875 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1074875 Datasheet HTML 1Page - PHOENIX CONTACT 1074875 Datasheet HTML 2Page - PHOENIX CONTACT 1074875 Datasheet HTML 3Page - PHOENIX CONTACT 1074875 Datasheet HTML 4Page - PHOENIX CONTACT 1074875 Datasheet HTML 5Page - PHOENIX CONTACT 1074875 Datasheet HTML 6Page - PHOENIX CONTACT 1074875 Datasheet HTML 7Page - PHOENIX CONTACT 1074875 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Notes
Assembly note
Please observe the application note in the download area.
Product properties
Product type
Enclosure bottom part
Housing type
DIN rail housing
Housing series
EH
Product family
EH..F..ABS-PC..
Type
Lower housing parts without vents, housing cover necessary to
complete the module
Max. number of positions
0)
Type
Lower housing part with base latch, flat design
Ventilation openings present
no
Dimensions
Dimensional drawing
Width
35.1 mm
Height
75 mm
Depth
30.3 mm
Depth from top edge of DIN rail to support point on upper part
26 mm
PCB design
PCB thickness
1.4 mm ... 1.8 mm
Material specifications
Color (Housing)
black (RAL 9005)
Flammability rating according to UL 94
V0
Housing material
ABS-PC
Surface characteristics
untreated
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
EH 35 F-B/ABS-PC BK9005 - Mounting base housing
1074875
https://www.phoenixcontact.com/us/products/1074875
Feb 14, 2025, 2:23 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com