Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7595 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC7595
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC7595 Datasheet HTML 1Page - Clare, Inc. CPC7595 Datasheet HTML 2Page - Clare, Inc. CPC7595 Datasheet HTML 3Page - Clare, Inc. CPC7595 Datasheet HTML 4Page - Clare, Inc. CPC7595 Datasheet HTML 5Page - Clare, Inc. CPC7595 Datasheet HTML 6Page - Clare, Inc. CPC7595 Datasheet HTML 7Page - Clare, Inc. CPC7595 Datasheet HTML 8Page - Clare, Inc. CPC7595 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CPC7595
R00B
www.clare.com
3
1. Specifications
1.1 Package Pinout
1.2 Pinout
CPC7595B &
CPC7595M
T
BAT
F
GND
D
GND
T
TESTin
IN
TESTin
R
T
TESTout
IN
TESTout
R
TESTout
T
LINE
T
RINGING
V
DD
T
NC
NC
NC
NC
NC
NC
NC
NC
NC
SD
V
BAT
R
BAT
TESTin
R
LINE
R
RINGING
LATCH
IN
RINGING
27
26
25
24
23
22
21
20
19
18
17
16
15
28
1
3
4
5
6
7
8
2
9
10
11
12
13
14
IN
TESTout
IN
RINGING
IN
TESTin
LATCH
R
TESTout
R
RINGING
R
LINE
R
BAT
R
TESTin
V
BAT
D
GND
T
SD
V
DD
NC
T
TESTout
T
RINGING
T
LINE
T
BAT
T
TESTin
F
GND
CPC7595Z
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
Pin
28
Pin
Name
Description
11
FGND
Fault ground.
2
NC
No connection.
3
NC
No connection.
4
NC
No connection.
25
TTESTin Tip lead of the TESTin bus.
36
TBAT
Tip lead of the SLIC.
47
TLINE
Tip lead of the line side.
58
TRINGING Ringing generator return.
9
NC
Not connected.
610
TTESTout Tip lead of the TESTout bus.
7
11
NC
No connection.
812
VDD
+5 V supply.
913
TSD
Temperature shutdown pin.
10 14
DGND
Digital ground.
11 15
INTESTout Logic control input.
12 16 INRINGING Logic control input.
13 17
INTESTin Logic control input.
14 18
LATCH
Data latch enable control input.
15 19
RTESTout Ring lead of the TESTout bus.
16 20
RRINGING Ringing generator source.
21
NC
No connection.
17 22
RLINE
Ring lead of the line side.
18 23
RBAT
Ring lead of the SLIC.
19 24
RTESTin Ring lead of the TESTin bus.
25
NC
No connection.
26
NC
No connection.
27
NC
No connection.
20 28
VBAT
Battery supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com