Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7595 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC7595
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC7595 Datasheet HTML 1Page - Clare, Inc. CPC7595 Datasheet HTML 2Page - Clare, Inc. CPC7595 Datasheet HTML 3Page - Clare, Inc. CPC7595 Datasheet HTML 4Page - Clare, Inc. CPC7595 Datasheet HTML 5Page - Clare, Inc. CPC7595 Datasheet HTML 6Page - Clare, Inc. CPC7595 Datasheet HTML 7Page - Clare, Inc. CPC7595 Datasheet HTML 8Page - Clare, Inc. CPC7595 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CPC7595
4
www.clare.com
R00B
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 ESD Rating
1.5 General Conditions
Unless otherwise specified, minimum and maximum
values are production testing requirements.
Typical values are characteristic of the device at 25°C
and are the result of engineering evaluations. They are
provided for informational purposes only and are not
part of the manufacturing testing requirements.
Specifications cover the operating temperature range
TA = -40°C to +85°C. Also, unless otherwise specified
all testing is performed with VDD = +5Vdc, logic low
input voltage is 0Vdc and logic high input voltage is
+5Vdc.
Parameter
Minimum Maximum
Unit
+5 V power supply (VDD)
-0.3
7
V
Battery Supply
-
-85
V
DGND to FGND
separation
-5
+5
V
Logic input voltage
-0.3
VDD +0.3
V
Logic input to switch output
isolation
-320
V
Switch open-contact
isolation (SW1, SW2, SW3,
SW5, SW6, SW7, SW8,
SW9, SW10)
-320
V
Switch open-contact
isolation (SW4)
-465
V
Operating relative humidity
5
95
%
Operating temperature
-40
+110
°C
Storage temperature
-40
+150
°C
ESD Rating (Human Body Model)
1000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com