Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7595XC Datasheet(PDF) 13 Page - Clare, Inc.

Part # CPC7595XC
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595XC Datasheet(HTML) 13 Page - Clare, Inc.

Back Button CPC7595XC Datasheet HTML 9Page - Clare, Inc. CPC7595XC Datasheet HTML 10Page - Clare, Inc. CPC7595XC Datasheet HTML 11Page - Clare, Inc. CPC7595XC Datasheet HTML 12Page - Clare, Inc. CPC7595XC Datasheet HTML 13Page - Clare, Inc. CPC7595XC Datasheet HTML 14Page - Clare, Inc. CPC7595XC Datasheet HTML 15Page - Clare, Inc. CPC7595XC Datasheet HTML 16Page - Clare, Inc. CPC7595XC Datasheet HTML 17Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CPC7595
R00B
www.clare.com
13
1.8 Voltage and Power Specifications
1.9 Protection Circuitry Electrical Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Voltage Requirements
VDD
-
VDD
4.5
5.0
5.5
V
VBAT
1
-
VBAT
-19
-48
-72
V
1V
BAT is used only for internal protection circuitry. If VBAT rises above-10 V, the device will enter the all-off state and will remain in the all-off state until the battery
drops below -15 V
Power Specifications
Power consumption
VDD = 5 V, VBAT = -48 V, VIH = 2.4V,
VIL = 0.4V, Measure IDD and IBAT,
Talk and All-Off States
P
-
4.7
10.5
mW
All other states
P
-
5.2
10.5
mW
VDD current in talk and
all-off states
VDD = 5 V, VBAT = -48 V, VIH = 2.4V,
VIL = 0.4V
IDD
-0.9
2.0
mA
VDD current in all other
states
IDD
-1.0
2.0
VBAT current in any state
VDD = 5V, VBAT = -48 V, VIH = 2.4V,
VIL = 0.4V
IBAT
-4
10
μA
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Protection Diode Bridge
Forward Voltage drop,
continuous current
(50/60 Hz)
Apply ± dc current limit of break
switches
VF
-2.8
3.5
V
Forward Voltage drop,
surge current
Apply ± dynamic current limit of break
switches
VF
-5-
Optional Protection SCR
Surge current
-
-
-
-
*
A
Trigger current:
Current into VBAT pin.
SCR activates, +25° C
ITRIG
-
150
-mA
SCR activates, +85° C
80
Hold current: Current
through protection SCR
SCR remains active, +25° C
IHOLD
-
220
-mA
SCR remains active, +85° C
110
145
Gate trigger voltage
IGATE = ITRIGGER
§
VTBAT or
VRBAT
VBAT -4
-
VBAT -2
V
Reverse leakage current VBAT = -48 V
IVBAT
--
1.0
μA
On-state voltage
0.5 A, t = 0.5
μsV
TBAT or
VRBAT
-
-3
-V
2.0 A, t = 0.5
μs-5
Temperature Shutdown Specifications
Shutdown activation
temperature
Not production tested - limits are
guaranteed by design and Quality
Control sampling audits.
TTSD_on
110
125
150
°C
Shutdown circuit
hysteresis
TTSD_off
10
-
25
°C
*Passes GR1089 and ITU-T K.20 with appropriate secondary protection in place.
§V
BAT must be capable of sourcing ITRIGGER for the internal SCR to activate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com