Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1865ACMS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1865ACMS
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865ACMS Datasheet(HTML) 5 Page - Linear Technology

  LTC1865ACMS Datasheet HTML 1Page - Linear Technology LTC1865ACMS Datasheet HTML 2Page - Linear Technology LTC1865ACMS Datasheet HTML 3Page - Linear Technology LTC1865ACMS Datasheet HTML 4Page - Linear Technology LTC1865ACMS Datasheet HTML 5Page - Linear Technology LTC1865ACMS Datasheet HTML 6Page - Linear Technology LTC1865ACMS Datasheet HTML 7Page - Linear Technology LTC1865ACMS Datasheet HTML 8Page - Linear Technology LTC1865ACMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1864/LTC1865
sn18645 18645fs
TYPICAL PERFOR A CE CHARACTERISTICS
SAMPLING FREQUENCY (kHz)
0.01
1000
100
10
1
0.1
0.01
100
1864/65 G01
0.1
1.0
10
1000
VCC = 5V
TA = 25°C
CONV LOW = 800ns
TEMPERATURE (°C)
–50
1000
800
600
400
200
0
0
50
75
1864/65 G02
–25
25
100
125
VCC = 5V
VREF = 5V
fSAMPLE = 250kHz
CONV HIGH = 3.2µS
TEMPERATURE (°C)
–50
1000
900
800
700
600
500
400
300
200
100
0
0
50
75
1864/65 G03
–25
25
100
125
CONV = VCC = 5V
SAMPLE RATE (kHz)
0
60
50
40
30
20
10
0
50
100
150
200
1864/65 G04
250
VCC = 5V
TA = 25°C
VREF = 5V
CONV LOW = 800ns
TEMPERATURE (°C)
–50
55
54
53
52
51
50
49
48
47
46
45
0
50
75
1864/65 G05
–25
25
100
125
VCC = 5V
VREF = 5V
fS = 250kHz
VREF (V)
0
60
50
40
30
20
10
0
123
4
1864/65 G06
5
VCC = 5V
TA = 25°C
fS = 250kHz
TEMPERATURE (°C)
–50
100
1864/65 G09
050
100
75
50
25
0
–25
25
75
125
VCC = 5V
VREF = 5V
CONV = 0V
CODE
0
65536
1864/65 G07
32768
4
2
0
–2
–4
16384
49152
VCC = 5V
TA = 25°C
VREF = 5V
CODE
0
65536
1864/65 G08
32768
16384
49152
2
1
0
–1
–2
VCC = 5V
TA = 25°C
VREF = 5V
Supply Current vs Sampling
Frequency
Supply Current vs Temperature
Sleep Current vs Temperature
Reference Current vs
Sampling Rate
Reference Current vs
Temperature
Reference Current vs
Reference Voltage
Typical INL Curve
Typical DNL Curve
Analog Input Leakage Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com