Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1865ACMS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1865ACMS
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865ACMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1865ACMS Datasheet HTML 2Page - Linear Technology LTC1865ACMS Datasheet HTML 3Page - Linear Technology LTC1865ACMS Datasheet HTML 4Page - Linear Technology LTC1865ACMS Datasheet HTML 5Page - Linear Technology LTC1865ACMS Datasheet HTML 6Page - Linear Technology LTC1865ACMS Datasheet HTML 7Page - Linear Technology LTC1865ACMS Datasheet HTML 8Page - Linear Technology LTC1865ACMS Datasheet HTML 9Page - Linear Technology LTC1865ACMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1864/LTC1865
sn18645 18645fs
TYPICAL PERFOR A CE CHARACTERISTICS
SINAD vs Frequency
THD vs Frequency
SFDR vs Frequency
REFERENCE VOLTAGE (V)
0
75
50
25
0
–25
4
1864/65 G10
1
2
3
5
VCC = 5V
TA = 25°C
TEMPERATURE (°C)
–50
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
50
75
1864/65 G11
–25
25
100
125
VCC = 5V
VREF = 5V
REFERENCE VOLTAGE(V)
0
20
15
10
5
0
–5
–10
–15
–20
2
4
5
1864/65 G12
1
3
VCC = 5V
TA = 25°C
TEMPERATURE (°C)
–50
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
50
75
1864/65 G13
–25
25
100
125
VCC = 5V
VREF = 5V
1800
1600
1400
1200
1000
800
600
400
200
0
CODE
1864/65 G14
–4 –3 –2 –1
0
1
23
4
5
00
12
0
0
1534
127
516
1178
729
VCC = 5V
TA = 25°C
VREF = 5V
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–140
1864/65 G15
0
20
40
60
80
100
120
fS = 203.125kHz
fIN = 99.72763kHz
VCC = 5V
VREF = 5V
TA = 25°C
Change in Offset Error vs
Reference Voltage
Change in Offset vs Temperature
Change in Gain Error vs
Reference Voltage
Change in Gain Error vs
Temperature
Histogram of 4096 Conversions
of a DC Input Voltage
4096 Point FFT Nonaveraged
FIN (kHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
1864/5 G16
VCC = 5V
VREF = 5V
TA = 25°C
VIN = 0dB
SNR
SINAD
FIN (kHz)
1
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1000
1864/5 G17
VCC = 5V
VREF = 5V
TA = 25°C
VIN = 0dB
FIN (kHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
1864/5 G18
VCC = 5V
VREF = 5V
TA = 25°C
VIN = 0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com