Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1865CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1865CS8
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1865CS8 Datasheet HTML 1Page - Linear Technology LTC1865CS8 Datasheet HTML 2Page - Linear Technology LTC1865CS8 Datasheet HTML 3Page - Linear Technology LTC1865CS8 Datasheet HTML 4Page - Linear Technology LTC1865CS8 Datasheet HTML 5Page - Linear Technology LTC1865CS8 Datasheet HTML 6Page - Linear Technology LTC1865CS8 Datasheet HTML 7Page - Linear Technology LTC1865CS8 Datasheet HTML 8Page - Linear Technology LTC1865CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1864/LTC1865
sn18645 18645fs
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
µPower, 16-Bit, 250ksps
1- and 2-Channel ADCs in MSOP
Single 5V Supply, 250ksps, 16-Bit Sampling ADC
Supply Current vs Sampling Frequency
The LTC
®1864/LTC1865 are 16-bit A/D converters that are
offered in MSOP and SO-8 packages and operate on a
single 5V supply. At 250ksps, the supply current is only
850µA. The supply current drops at lower speeds because
the LTC1864/LTC1865 automatically power down
between conversions. These 16-bit switched capacitor
successive approximation ADCs include sample-and-holds.
The LTC1864 has a differential analog input with an
adjustable reference pin. The LTC1865 offers a software-
selectable 2-channel MUX and an adjustable reference pin
on the MSOP version.
The 3-wire, serial I/O, small MSOP or SO-8 package and
extremely high sample rate-to-power ratio make these
ADCs ideal choices for compact, low power, high speed
systems.
These ADCs can be used in ratiometric applications or
with external references. The high impedance analog
inputs and the ability to operate with reduced spans down
to 1V full scale, allow direct connection to signal sources
in many applications, eliminating the need for external
gain stages.
■ 16-Bit 250ksps ADCs in MSOP Package
■ Single 5V Supply
■ Low Supply Current: 850µA (Typ)
■ Auto Shutdown Reduces Supply Current
to 2µA at 1ksps
■ True Differential Inputs
■ 1-Channel (LTC1864) or 2-Channel (LTC1865)
Versions
■ SPI/MICROWIRE
TM Compatible Serial I/O
■ 16-Bit Upgrade to 12-Bit LTC1286/LTC1298
■ Pin Compatible with 12-Bit LTC1860/LTC1861
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ High Speed Data Acquisition
■ Portable or Compact Instrumentation
■
Low Power Battery-Operated Instrumentation
■ Isolated and/or Remote Data Acquisition
1
2
3
4
8
7
6
5
VREF
IN+
IN–
GND
VCC
SCK
SDO
CONV
LTC1864
1864 TA01
ANALOG INPUT
0V TO 5V
5V
1µF
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
SAMPLING FREQUENCY (kHz)
0.01
1000
100
10
1
0.1
0.01
100
1864 TA02
0.1
1
10
1000
MICROWIRE is a trademark of National Semiconductor Corporation.


Similar Part No. - LTC1865CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865CMS LINER-LTC1865CMS Datasheet
360Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1865CMS LINER-LTC1865CMS Datasheet
360Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1865CMS LINER-LTC1865CMS Datasheet
360Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1865CMS-PBF LINER-LTC1865CMS-PBF Datasheet
375Kb / 24P
關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865CMS-TRPBF LINER-LTC1865CMS-TRPBF Datasheet
375Kb / 24P
關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1865CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com