Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1865CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1865CS8
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1865CS8 Datasheet HTML 11Page - Linear Technology LTC1865CS8 Datasheet HTML 12Page - Linear Technology LTC1865CS8 Datasheet HTML 13Page - Linear Technology LTC1865CS8 Datasheet HTML 14Page - Linear Technology LTC1865CS8 Datasheet HTML 15Page - Linear Technology LTC1865CS8 Datasheet HTML 16Page - Linear Technology LTC1865CS8 Datasheet HTML 17Page - Linear Technology LTC1865CS8 Datasheet HTML 18Page - Linear Technology LTC1865CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1864/LTC1865
sn18645 18645fs
APPLICATIO S I FOR ATIO
1
2
3
4
8
7
6
5
4
2
3
1
10
12
11
13
5
6
4
2
3
1
5
6
4
2
3
1
5
6
9
8
10
12
11
13
9
8
1864/65 AI3
RO
RE
DE
DI
VCC
B
A
GND
PRE
D
CLK
CLR
Q
Q
4 CONDUCTOR
TELEPHONE WIRES
TO TRANSMITTER
U1
LTC1485
PRE
D
CLK
CLR
Q
Q
IC1A
74AC74
VCC
PRE
D
CLK
CLR
Q
Q
IC1B
74AC74
IC3B
74AC74
VCC
VCC
VCC
VCC
VCC
VCC
VCC
CLK
CLK
DATA
DATA
PRE
D
CLK
CLR
Q
Q
IC2A
74AC74
CLK
PRE
D
CLK
CLR
Q
Q
IC2B
74AC74
IC4B
74AC08
CLK
PRE
D
CLK
CLR
Q
Q
IC3A
74AC74
CLK
DATA IN
15V SUPPLY TO
TRANSMITTER
RECEIVE CLOCK AT
8 X TRANSMIT
CLOCK FREQUENCY
SER
SCK
SCL
RCK
8
15
1
2
3
4
5
6
7
9
QA
QB
QC
QD
QE
QF
QG
QH
QHIN
D15
D14
D13
D12
D11
D10
D9
D8
14
11
10
12
13
STROBE
STROBE
IC8
74AC595
VCC
SER
SCK
SCL
RCK
8
15
1
2
3
4
5
6
7
9
QA
QB
QC
QD
QE
QF
QG
QH
QHIN
D7
D6
D5
D4
D3
D2
D1
D0
14
11
10
12
13
IC9
74AC595
10
12
11
13
9
8
CLK
PRE
J
CLK
K
CLR
Q
Q
IC7B
74AC109
11
14
12
13
15
10
9
DATA
OPTIONAL SERIAL TO
PARALLEL CONVERTER
R1
120Ω
IC5C
74AC86
IC4D
74AC08
IC4C
74AC08
IC6D
74AC32
IC6C
74LS32D
IC4A
74AC08
Figure 7. LTC1864 Manchester Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com