Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSLC05 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSLC05
Description  ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSLC05 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSLC05_06 Datasheet HTML 1Page - Pan Jit International Inc. PJSLC05_06 Datasheet HTML 2Page - Pan Jit International Inc. PJSLC05_06 Datasheet HTML 3Page - Pan Jit International Inc. PJSLC05_06 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PJSLC05 SERIES
ULTRA LOW CAPACITANCE SINGLE TVS
FOR HIGH SPEED DATA LINES
SPECIFICATION FEATURES
APPLICATIONS
This Transient Voltage Suppressor is intended to Protect Sensitive Equipment
against Electrostatic Discharge and Transient Events as well to offer a Miminum
insertion loss in high speed data communication transmission line ports used
in Portable Consumer, Computing and Networking Applications.
IEC61000-4-5 17 Amps peak, 8/20 µs Waveform
Maximum Leakage Current of 5µA
Mobile Phones and accessories
Universal Serial Bus (USB1.1 and 2.0) Applications
Portable Consumer Electronics
Instrumentation Equipment
1
2
3
1
2
3
MAXIMUM RATINGS
Rating
Symbol
Value
Units
ELECTRICAL CHARACTERISTICS Tj = 25°C
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between pins 1 and 2
5V
6V
µA
5
9.5
V
12
V
17
A
pF
1.2
1mA
5V
1 Amps
5 Amps
400
>25
-55 to +125
-55 to +150
260
W
kV
°C
°C
°C
Peak Pulse Power
8/20µs Waveform
ESD Voltage (HBM)
Operating Temperature Range
Storage Temperature Range
Ppp
V ESD
TJ
Tstg
4/11/2006
Page
1
www.panjit.com
Maximum Peak Pulse Current
pp
I
Lead Soldering Temperature (max 10 secs)
TL
8/20 µs Waveform
Working Peak Reverse Voltage Range - 5, 12, 15 and 24V
IEC61000-4-2 Compliance 15kV Air, 8kV Contact Discharge
PJSLC05
Peak Pulse Current
8/20µs Waveform
A
17
3 N.C.
21
SOT23
3 N.C.
21
SOT23
Ethernet 10, 100 and 1000 Base Port Protection
I pp
Device
Marking Code
PJSLC05
T1S
PJSLC12
S12
PJSLC15
S15
PJSLC24
S24
100% Tin Matte Finish (RoHS Compliant)


Similar Part No. - PJSLC05_06

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSLC05 PANJIT-PJSLC05_09 Datasheet
333Kb / 5P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
More results

Similar Description - PJSLC05_06

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJLCDA05 PANJIT-PJLCDA05 Datasheet
124Kb / 4P
QUAD LOW CAPACITANCE TVS ARRAY FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
NUP2201MR6 ONSEMI-NUP2201MR6 Datasheet
38Kb / 4P
Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
November, 2003 ??Rev. 1
logo
Pan Jit International I...
PJDLC05 PANJIT-PJDLC05 Datasheet
71Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJGL05 PANJIT-PJGL05 Datasheet
79Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJLCDA05 PANJIT-PJLCDA05_06 Datasheet
89Kb / 4P
ULTRA LOW CAPACITANCE QUAD TVS ARRAY FOR HIGH SPEED TRANSMISSION DATA LINES
PJSLC054 PANJIT-PJSLC054 Datasheet
114Kb / 4P
LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES
PJGL05 PANJIT-PJGL05_09 Datasheet
139Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05 PANJIT-PJSLC05_09 Datasheet
333Kb / 5P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05C-02 PANJIT-PJSLC05C-02 Datasheet
112Kb / 3P
LOW CAPACITANCE SINGLE TVS 200W FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com