Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSMS12 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSMS12
Description  QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSMS12 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSMS12 Datasheet HTML 1Page - Pan Jit International Inc. PJSMS12 Datasheet HTML 2Page - Pan Jit International Inc. PJSMS12 Datasheet HTML 3Page - Pan Jit International Inc. PJSMS12 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.panjit.com
PJSMS05 SERIES
5/11/2006
Page 2
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25°C
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between I/O pins and pin 2, 5
12
V
13.3
V
µA
1
20
V
25
V
100
pF
1mA
12V
5A
15A
PJSMS12
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between I/O pins and pin 2, 5
15
V
16.7
V
µA
1
24
V
29
V
80
pF
1mA
15V
5A
12A
PJSMS15
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between I/O pins and pin 2, 5
24
V
26.7
V
µA
1
40
V
44
V
60
pF
1mA
24V
5A
8A
PJSMS24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com