Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSMS12 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSMS12
Description  QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSMS12 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSMS12 Datasheet HTML 1Page - Pan Jit International Inc. PJSMS12 Datasheet HTML 2Page - Pan Jit International Inc. PJSMS12 Datasheet HTML 3Page - Pan Jit International Inc. PJSMS12 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PJSMS05 SERIES
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
SPECIFICATION FEATURES
APPLICATIONS
MAXIMUM RATINGS (Per Device)
Rating
Symbol
Value
Units
This Quad TVS/Zener Array family have been designed to Protect Sensitive
Equipment against ESD and to prevent Latch-Up events in CMOS circuitry
operating at 5V, 12V, 15V and 24V. This TVS array offers an integrated
solution to protect up to 4 data lines where the board space is a premium.
350W Power Dissipation (8/20µs Waveform)
Low Leakage Current, Maximum of 5µA at rated voltage
IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance
Very Low Clamping Voltage
Personal Digital Assistant (PDA)
SIM Card Port Protection (Mobile Phone)
Portable Instrumentation
Mobile Phones and Accessories
ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25°C
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between I/O pins and pin 2, 5
5 Vdc Bias f = 1MHz
Between I/O pins and pin 2, 5
5V
6V
µA
5
9.8
V
13
V
225
pF
pF
125
1mA
5V
5A
24A
350
>25
-50 to +125
-50 to +150
W
kV
°C
°C
Peak Pulse Power (8/20µs Waveform)
ESD Voltage (HBM)
Operating Temperature Range
P pp
V ESD
TJ
Tstg
5/11/2006
Page
1
www.panjit.com
Industry Standard Surface Mount Package SOT23-6L
Memory Card Port Protection
1
SOT23-6L
12
3
6
54
PJSMS05
PJSMS05 SERIES
Storage Temperature Range
100% Tin Matte Finish (RoHS Compliance)
TVS
Marking Code
PJSMS05
M05
PJSMS12
M12
PJSMS15
M15
PJSMS24
M24


Similar Part No. - PJSMS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSMS12 PANJIT-PJSMS12 Datasheet
89Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS12C PANJIT-PJSMS12C Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS12C PANJIT-PJSMS12C Datasheet
74Kb / 4P
PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results

Similar Description - PJSMS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJCLAMP0504A PANJIT-PJCLAMP0504A Datasheet
63Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6 Datasheet
54Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQMS05 PANJIT-PJQMS05 Datasheet
83Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_06 Datasheet
64Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMSO5 PANJIT-PJSMSO5 Datasheet
76Kb / 3P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6_09 Datasheet
61Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_09 Datasheet
242Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05C PANJIT-PJSMDA05C Datasheet
241Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05_09 Datasheet
89Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com