Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS641230 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CS641230
Description  Fast Recovery Single Diode Module 300 Amperes/1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CS641230 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CS641230 Datasheet HTML 1Page - Powerex Power Semiconductors CS641230 Datasheet HTML 2Page - Powerex Power Semiconductors CS641230 Datasheet HTML 3Page - Powerex Power Semiconductors CS641230 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D-24
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CS641230
Fast Recovery Single Diode Module
300 Amperes/1200 Volts
FORWARD VOLTAGE DROP VF, (VOLTS)
MAXIMUM
FORWARD VOLTAGE
0
100
2.0
101
102
103
0.4
0.8
1.2
1.6
Tj = 25
oC
Tj = 125
oC
CRITICAL RATE OF FALL FORWARD CURRENT, IFM,
(AMPERES)
REVERSE RECOVERY
CHARACTERISTICS
102
103
101
102
103
100
103
101
10-1
101
102
Irr
Qrr
trr
Tj = 25
oC
VR = 600V
IF = 300A/µs
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
100
101
10-3
10-2
10-1
100
0.20
0.04
0.08
0.12
0.16
0.20
RATED SURGE
(NON-REPETITIVE) CURRENT
100
101
102
0
1000
2000
3000
4000
5000
CYCLES AT 60 HZ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com