Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS641230 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CS641230
Description  Fast Recovery Single Diode Module 300 Amperes/1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CS641230 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CS641230 Datasheet HTML 1Page - Powerex Power Semiconductors CS641230 Datasheet HTML 2Page - Powerex Power Semiconductors CS641230 Datasheet HTML 3Page - Powerex Power Semiconductors CS641230 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimension
Inches
Millimeters
A
3.630±0.01
92.2±0.25
B
3.150±0.008
80±0.2
C
2.657±0.01
67.5±0.25
D
1.378±0.012-0.000 35±0.3-0.0
E
1.220
31
F
1.102
28
G
1.024
26
H
0.591
15
J
0.571
14.5
K
0.213±0.004 Dia. Dia. 5.4±0.1
L
0.177
4.5
M
0.118
3
N
M6 Metric
M6
Description:
Powerex Fast Recovery Single
Diode Modules are designed for
use in applications requiring fast
switching. The modules are isolat-
ed for easy mounting with other
components on common
heatsinks.
Features:
Isolated Mounting
Planar Chips
Applications:
Inverters
Choppers
Switching Power Supplies
Free Wheeling
Ordering Information:
Select the complete eight digit
module part number you desire
from the table below.
Example: CS641230 is a
1200 Volt, 300 Ampere Fast
Recovery Single Diode Module.
Voltage
Current Rating
Type
Volts (x100)
Amperes (x10)
CS64
12
30
D-21
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Single
Diode Module
300 Amperes/1200 Volts
CS641230
Outline Drawing
CS641230
Fast Recovery
Single Diode Module
300 Amperes/1200 Volts
AK
AK
E
F
G
H
L
D
J
J
M
B
A
C
N - M6 THD
(2 TYP.)
K - DIA.
(2 TYP.)


Similar Part No. - CS641230

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS6403 CIRRUS-CS6403 Datasheet
761Kb / 54P
Echo-Cancelling Codec
CS6403-IL CIRRUS-CS6403-IL Datasheet
761Kb / 54P
Echo-Cancelling Codec
CS6403-IQ CIRRUS-CS6403-IQ Datasheet
761Kb / 54P
Echo-Cancelling Codec
logo
Powerex Power Semicondu...
CS640525 POWEREX-CS640525 Datasheet
58Kb / 2P
Fast Recovery Single Diode Module 250 Amperes/500 Volts
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
FULL DUPLEX SPEAKERPHONE CHIP
More results

Similar Description - CS641230

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CS240610 POWEREX-CS240610 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 100 Amperes/600-1200 Volts
CS240650 POWEREX-CS240650 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts
CS340602 POWEREX-CS340602 Datasheet
73Kb / 4P
Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
QR1230T30 POWEREX-QR1230T30 Datasheet
106Kb / 3P
Fast Recovery Diode Module (300 Amp/1200 Volts)
RM25HG-24S POWEREX-RM25HG-24S Datasheet
230Kb / 2P
Super Fast Recovery Single Diode (25 Amperes/1200 Volts)
RM300CA-9W POWEREX-RM300CA-9W Datasheet
65Kb / 2P
Fast Recovery Welder Diode Module (300 Amperes/450 Volts)
RM400HA-24S POWEREX-RM400HA-24S Datasheet
70Kb / 4P
Super Fast Recovery Single Diode Module (400 Amperes/1200 Volts)
KS621230A7 POWEREX-KS621230A7 Datasheet
412Kb / 4P
Single Darlington Transistor Module 300 Amperes/1200 Volts
RM300DY1-24S POWEREX-RM300DY1-24S Datasheet
243Kb / 2P
Super Fast Recovery Dual Diode Module 300 Amperes/1200 Volts
RM400DY-24S POWEREX-RM400DY-24S Datasheet
803Kb / 4P
Super Fast Recovery Dual Diode Module 400 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com