Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4157 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4157
Description  High Resolution 6 GHz Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4157 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4157 Datasheet HTML 9Page - Analog Devices ADF4157 Datasheet HTML 10Page - Analog Devices ADF4157 Datasheet HTML 11Page - Analog Devices ADF4157 Datasheet HTML 12Page - Analog Devices ADF4157 Datasheet HTML 13Page - Analog Devices ADF4157 Datasheet HTML 14Page - Analog Devices ADF4157 Datasheet HTML 15Page - Analog Devices ADF4157 Datasheet HTML 16Page - Analog Devices ADF4157 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADF4157
Rev. 0 | Page 13 of 20
R DIVIDER REGISTER (R2) MAP
With R1[2, 1, 0] set to [0, 1, 0], the on-chip R divider register is
programmed as shown in Figure 19.
CSR Enable
Setting this bit to 1 enables cycle slip reduction. This is a
method for improving lock times. Note that the signal at the PFD
must have a 50% duty cycle in order for cycle slip reduction to
work. In addition, the charge pump current setting must be set
to a minimum. See the Cycle Slip Reduction for Faster Lock
Times section for more information.
Note also that the cycle slip reduction feature can only be
operated when the phase detector polarity setting is positive
(DB6 in Register R3). It cannot be used if the phase detector
polarity is set to negative.
Charge Pump Current Setting
DB[27], DB[26], DB[25], and DB[24] set the charge pump
current setting. This should be set to the charge pump current
that the loop filter is designed with (see Figure 19).
Prescaler (P/P + 1)
The dual-modulus prescaler (P/P + 1), along with the INT,
FRAC, and MOD counters, determines the overall division ratio
from the RFIN to the PFD input.
Operating at CML levels, it takes the clock from the RF input
stage and divides it down for the counters. It is based on
a synchronous 4/5 core. When set to 4/5, the maximum RF
frequency allowed is 3 GHz. Therefore, when operating
the ADF4157 above 3 GHz, the prescaler must be set to 8/9.
The prescaler limits the INT value.
With P = 4/5, NMIN = 23.
With P = 8/9, NMIN = 75.
RDIV2
Setting this bit to 1 inserts a divide-by-2 toggle flip flop between
the R counter and the PFD. This can be used to provide a 50%
duty cycle signal at the PFD for use with cycle slip reduction.
Reference Doubler
Setting DB[20] to 0 feeds the REFIN signal directly to the 5-bit
RF R counter, disabling the doubler. Setting this bit to 1
multiplies the REFIN frequency by a factor of 2 before feeding
into the 5-bit R counter. When the doubler is disabled,
the REFIN falling edge is the active edge at the PFD input to
the fractional synthesizer. When the doubler is enabled, both
the rising edge and falling edge of REFIN become active edges at
the PFD input.
The maximum allowed REFIN frequency when the doubler is
enabled is 30 MHz.
5-Bit R Counter
The 5-bit R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the phase frequency detector (PFD). Division ratios from
1 to 32 are allowed.
Reserved Bits
All reserved bits should be set to 0 for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com