Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2001PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IP2001PBF
Description  Synchronous Buck Multiphase Optimized BGA Power Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2001PBF Datasheet(HTML) 5 Page - International Rectifier

  IP2001PBF Datasheet HTML 1Page - International Rectifier IP2001PBF Datasheet HTML 2Page - International Rectifier IP2001PBF Datasheet HTML 3Page - International Rectifier IP2001PBF Datasheet HTML 4Page - International Rectifier IP2001PBF Datasheet HTML 5Page - International Rectifier IP2001PBF Datasheet HTML 6Page - International Rectifier IP2001PBF Datasheet HTML 7Page - International Rectifier IP2001PBF Datasheet HTML 8Page - International Rectifier IP2001PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.irf.com
5
iP2001PbF
Fig 7. I
DD vs. Frequency
Fig 5. Normalized Power Loss vs. Frequency
Fig 3. Normalized Power Loss vs. V
IN
Fig 4. Normalized Power Loss vs. V
OUT
Typical Performance Curves
Fig 6. Normalized Power Loss vs. Ripple Current
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
3579
11
13
Input Voltage (V)
-0.7
-0.4
0.0
0.4
0.7
1.1
1.4
1.8
2.1
2.5
2.8
VOUT = 1.6V
IOUT = 20A
fSW = 500kHz
TBLK = 125°C
0.92
0.96
1.00
1.04
1.08
1.12
1.16
1.20
0.9
1.3
1.7
2.1
2.5
2.9
3.3
Output Voltage (V)
-7.0
-5.6
-4.2
-2.8
-1.4
0.0
1.4
2.8
VIN = 12V
IOUT = 20A
fSW = 500kHz
TBLK = 125°C
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Switching Frequency (kHz)
Does not include
PRDY current
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
100
250
500
750
1000
Switchin Frequency (kHz)
-17.5
-14.0
-10.5
-7.0
-3.5
0.0
3.5
7.0
10.5
VIN = 12V
VOUT = 1.6V
IOUT = 20A
TBLK = 125°C
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
Peak to Peak Inductor Ripple Current (A)
-17
-14
-10
-7
-4
0
3
VIN = 12V
VOUT = 1.6V
IOUT = 20A
fSW = 500kHz
TBLK = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com