Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2001PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IP2001PBF
Description  Synchronous Buck Multiphase Optimized BGA Power Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2001PBF Datasheet(HTML) 1 Page - International Rectifier

  IP2001PBF Datasheet HTML 1Page - International Rectifier IP2001PBF Datasheet HTML 2Page - International Rectifier IP2001PBF Datasheet HTML 3Page - International Rectifier IP2001PBF Datasheet HTML 4Page - International Rectifier IP2001PBF Datasheet HTML 5Page - International Rectifier IP2001PBF Datasheet HTML 6Page - International Rectifier IP2001PBF Datasheet HTML 7Page - International Rectifier IP2001PBF Datasheet HTML 8Page - International Rectifier IP2001PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
iP2001PbF
Features:
• 20A continuous output current with no derating
up to T
PCB = 90°C
• Very small 11mm x 11mm x 3mm profile
• Internal features minimize layout sensitivity *
• Optimized for very low power losses
• 3.3 to 12V input voltage
Synchronous Buck
Multiphase Optimized BGA Power Block
Integrated Power Semiconductors, Drivers & Passives
Description
The iP2001PbF is a fully optimized solution for high current synchronous buck multiphase applications.
Board space and design time are greatly reduced because most of the components required for each
phase of a typical discrete-based multiphase circuit are integrated into a single 11mm x 11mm x 3mm BGA
power block. The only additional components required for a complete multiphase converter are a PWM IC, the
external inductors, and the input and output capacitors.
iPOWIR technology offers designers an innovative board space saving solution for applications
requiring high power densities. iPOWIR technology eases design for applications where component
integration offers benefits in performance and functionality. iPOWIR technology solutions are also optimized
internally for layout, heat transfer and component selection.
iP2001PbF Power Block
8/11/06
PD - 97110
* All of the difficult PCB layout and bypassing issues have been addressed with the internal design of the iPOWIR Block. There are no concerns about double pulsing,
unwanted shutdown, or other malfunctions which often occur in switching power supplies. The iPOWIR Block will function normally without any additional input power
supply bypass capacitors. However, for reliable long term operation it is recommended that the adequate amount of input decoupling is provided on the V
IN pin. No
additional bypassing is required on the V
DD pin.
iP2001PbF Internal Block
MOSFET
Driver with
dead time
control
V
IN
V
SW
PGND
PRDY
ENABLE
PWM
V
DD
SGND
MOSFET
Driver with
dead time
control
V
IN
V
SW
PGND
PRDY
ENABLE
PWM
V
DD
SGND
PACKAGE
DESCRIPTION
INTERFACE
CONNECTION
PARTS PER BAG PARTS PER REEL
T & R
ORIENTATION
iP2001PbF
BGA
10
---
iP2001TRPbF
BGA
---
1000
Fig 12


Similar Part No. - IP2001PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2001 IRF-IP2001 Datasheet
806Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2001 IRF-IP2001 Datasheet
651Kb / 8P
500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
More results

Similar Description - IP2001PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2003 IRF-IP2003 Datasheet
291Kb / 9P
MULTIPHASE OPTIMIZED LGA POWER BLOCK
IP2001 IRF-IP2001 Datasheet
806Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2003A IRF-IP2003A Datasheet
355Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
IP2002PBF IRF-IP2002PBF Datasheet
475Kb / 12P
Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP2003APBF IRF-IP2003APBF Datasheet
352Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP1206PBF IRF-IP1206PBF Datasheet
936Kb / 30P
Synchronous Buck Multiphase Optimized LGA Power Block
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
logo
International Rectifier
IP2005CTRPBF IRF-IP2005CTRPBF Datasheet
402Kb / 15P
Synchronous Buck Optimized LGA Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com