Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE-3.3/250V-RUBYCON Datasheet(PDF) 3 Page - AG Electronica

Part # CE-3.3/250V-RUBYCON
Description  CAPACITORES ELECTROLÍTICOS DE ALUMINIO CE-XX/YYV-RUBYCON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CE-3.3/250V-RUBYCON Datasheet(HTML) 3 Page - AG Electronica

  CE-3.3/250V-RUBYCON Datasheet HTML 1Page - AG Electronica CE-3.3/250V-RUBYCON Datasheet HTML 2Page - AG Electronica CE-3.3/250V-RUBYCON Datasheet HTML 3Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
Numero de parte
Capacitancia
Voltaje
Dimensiones
μF (microFarads)
V(Volts)
DØ(mm)
L(mm)
F(mm)
CE-3.3/250V-RUBYCON
3.3uF
250V
6.4
11.2
2
ACOTACIÓN:
N/A
TOLERANCIA:
N/A
AG Electrónica S.A.P.I. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
http://www.agelectronica.com/
CAPACITORES ELECTROLITICOS DE ALUMINIO RUBYCON
No.Parte: CE-XX/YYV-RUBYCON
Fecha:
28/03/2019
REALIZO: FJVC
REV: VJSR
ESCALA:
N/A
TOLERANCIA:
N/A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com