Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM836 Datasheet(PDF) 2 Page - DFI Inc

Part # COM836
Description  COM HPC® Carrier Board Extend ATX form factor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM836 Datasheet(HTML) 2 Page - DFI Inc

  COM836 Datasheet HTML 1Page - DFI Inc COM836 Datasheet HTML 2Page - DFI Inc COM836 Datasheet HTML 3Page - DFI Inc COM836 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
BLOCK DIAGRAM
COM HPC
A/B/C/D (J1)
COM HPC
E/F/G/H (J2)
eSPI Bus
NBASET0
SMBus
I2C0 (3.3V)
PCIe Group 1
Lane[16:31]
DDI Port 2
USB 3.2 G2 Port 0
USB 3.2 G2 Port 1
USB 3.2 G2 Port 0
USB 3.2 G2 Port 1
NBASET1
eSPI
eSPI Header
USB2.0 Port 2
DDI Port 0
DDI Port 1
USB2.0 Port 3
USB2.0 Port 4
USB2.0 Port 5
USB3.2 G0
Port 0
USB3.2 G0
Port 1
USB3.2 G1
Port 0
USB3.2 G1
Port 1
USB2.0
Port 0
USB2.0
Port 1
USB2.0
Port 6
USB2.0
Port 7
eDP Port
PCIe Group0
Low Lane 0
PCIe Group0
Low Lane 2
PCIe Group0
Low Lane 1
PCIe Group0
Low Lane 3
HDA/I2S/
SNDW2,3
DDI_P0
GPIO 0~11
GPIO
DIO Header
SPI
SPI
SPI Socket
SMBus
EEPROM
AT24C128C-SSHM
EEPROM
AT24C128C-SSHM
SMBus Header
I2C
I2C Header
I2C1 (1.8V)
EEPROM
AT24C128C-SSHM
I2C
I2C Header
GP_SPI
GSPI
GSPI Header
SATA Port 0
SATA_P0
SATA Port 0
SATA Port 1
SATA_P1
TX/RX/RTS/CTS
SATA Port 1
PCIe Group0
High Lane [8:11]
PCIe Gen5
Re-Driver
JYS13004PE33
HDMI 2.0
Re-Driver
P13HDX1204B1ZHE
DDI_P1
DDI_P2
(PEG)
DP 1.4 HBR3
Re-Driver
P13DPX1203BZHEX
DP 1.4 HBR3
Re-Driver
P13DPX1203BZHEX
USB3.2_G0_P0
HDA
Co-Lay
USB3.2_G0_P1
USB2.0_P0
CC
USB2.0_P5
USB2.0_P4
USB2.0_P3
USB2.0_P2
MDI
MDI
USB 3.2 Gen 2
Redriver
NB7NPQ1404E2MMUTWG
USB3.2_G2_P0
USB3.2_G2_P1
USB 3.2 Gen 2
Redriver
NB7NPQ1404E2MMUTWG
USB 3.2 Gen 2
Redriver
NB7NPQ1404E2MMUTWG
Realtek
ALC888
Front Audio
Header
RJ45
LAN Port 1
(Max: 2.5GbE)
Audio Jack
(Line in, Line out,
Mic in)
eDP
M.2 B Key
3052
M.2 E Key
2242
eDP
DP 1.4 HBR3
Re-driver
P13DPX1203BZHEX
PCIe Gen 5
MUX & Re-driver
JYS13008
UART 0
Intersil
HIN213
COM
Header
COM
Header
SNDW0 CONN.
M.2 M Key
2242/2260/2280
TX/RX/RTS/CTS
UART 1
SNDW0
SNDW1 CONN.
SNDW1
Intersil
HIN213
US_PD_I2C_CLK
I2C to GPIO
TCA6416
7-Seg LED x2
PCIe Group0
Low Lane [4:7]
PCIe Gen5
Re-Driver
JYS13004PE33
PCIe x4 Slot
PCIe Group0
High Lane [12:15]
PCIe Gen5
Re-Driver
JYS13004PE33
PCIe x4 Slot
Lorem ipsum
USB3.2_G2_P1
USB3.2_G2_P2
USB 3.2 Gen 2
Redriver
NB7NPQ1404E2MMUTWG
USB 3.2 Gen 2
Redriver
NB7NPQ1404E2MMUTWG
USB3.2_G1_P0
USB3.2_G1_P1
USB2.0_P1
USB2.0_P6
USB 3.2 Gen 2
Redriver
NB7NPQ1404E2MMUTWG
PCIe Gen 5
MUX & Re-driver
JYS13008
USB2.0_P7
I2S/SNDW
Header
HDMI Port 0
PCIe x16
Slot
DP++ Port 0
DP++ Port 1
USB3.2 TypeA
Port 1
USB3.2 TypeA
Port 2
RJ45
LAN Port 2
(Max: 2.5GbE)
USB3.2 TypeA
Port 3
USB3.2 TypeA
Port 4
USB3.2 G2x2
Type C Port 0
USB3.2 G2x2
Type C Port 1
PCIe Gen5
Re-Driver
JYS13004PE33
PCIe x4
Slot
PCIe Gen5
Re-Driver
JYS13004PE33
CC
PCIe x4
Slot
PCIe Gen5
Re-Driver
JYS13004PE33
PCIe x4
Slot
PCIe Gen5
Re-Driver
JYS13004PE33
SIM
PD Controller
IT8853 (ITE)
CSIO
CONN.
CSI1
CONN.
PCIe Group 2
Lane[32:35]
PCIe Group 2
Lane[36:39]
PCIe Group 2
Lane[40:43]
CSI0
CSI1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com